Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

701499-G-Size Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 701499-G-Size
Description  Flexible LED tubing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701499-G-Size Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  701499-G-Size Datasheet HTML 1Page - List of Unclassifed Manufacturers 701499-G-Size Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5725 Olivas Park Drive • Ventura, California 93003 • 805.676.3200 Fax 805.676.3206 • SloanLED.com • info@SloanLED.com
© 2015 SloanLED Rev A 2015-03-19
FlexiBRITE is covered by US and foreign patents pending and covered by the
following US patents issued: 6,776,504 and 7,213,941 and European Patent No. 1756471
FlexiBRITE
Flexible LED tubing
Specifications cont’d
Item
description
Part
number
Cut
increments
Red Kit
701499-R-Size
2 in
Orange Kit
701499-O-Size
2 in
Yellow Kit
701499-Y-Size
2 in
Green Kit
701499-G-Size
1 in
Blue Kit
701499-B-Size
1 in


Similar Part No. - 701499-G-Size

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7014 BOURNS-7014 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
7014-RC BOURNS-7014-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
LEMO Connectors
70140 LEMO-70140 Datasheet
97Kb / 4P
   B - Indoor keyed
70140 LEMO-70140 Datasheet
144Kb / 4P
   B - Indoor keyed
70140 LEMO-70140 Datasheet
144Kb / 4P
   B - Indoor keyed
More results

Similar Description - 701499-G-Size

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SFTW-203 3M-SFTW-203 Datasheet
13Kb / 2P
   Tubing Very Flexible Polyolefin
logo
List of Unclassifed Man...
701361-X ETC2-701361-X Datasheet
713Kb / 2P
   Large-profile LED tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
logo
Tyco Electronics
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
   Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
logo
Alpha Wire
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
   Tubing
logo
Tyco Electronics
RT-1116 MACOM-RT-1116 Datasheet
67Kb / 7P
   Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
logo
Ningbo Foryard Optoelec...
FYSH-5050UX3C-30-12V-WW10 FORYARD-FYSH-5050UX3C-30-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-60-24V-WW8 FORYARD-FYSH-3528UXC-60-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-66-12V-WW8 FORYARD-FYSH-3528UXC-66-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com