Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

701906-5WE6X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 701906-5WE6X
Description  LED lighting system for cooler doors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701906-5WE6X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  701906-5WE6X Datasheet HTML 1Page - List of Unclassifed Manufacturers 701906-5WE6X Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lighting Systems
Project Name/Location
Part Number
Notes#
Date
Interior
1
Cold Door 2
LED lighting system for cooler doors
• Illuminates product facings across narrow beam angles while reducing glare
• Powers up to a 5-door frame with a single power supply
• UL Classified for retrofit
Up to 85% total energy savings over typical fluorescent fixtures
Sidelighting
Cold Door 2 lighting system provides crisp, uniform illumination across doors for walk-in coolers/
freezers and remote glass-door reach-ins. Adapts to varying case styles and shelf depths.
Specifications
Electrical
Input voltage
100-240 VAC
Output voltage
24 VDC
System power
Lighting
Illuminance
1,950 lux1
Color temperature (CCT)
3500 K, 4000 K, 5000 K
Color rendering (CRI)
85
Performance
Operating temperature
-25 °C to 50 °C
Life rating
100,000 Hours (L
70
Dimming
Optional Motion Sensing (see Cold Series Dimming Control data sheet)
Construction
Housing
Aluminum
Lens
Polycarbonate
Body color
Black
Mounting
Center
Mounting clips (2 included)
End
Mounting clips (2 included)
Documentation
Warranty
5-year limited
Agency listings
UL Classified, UL (NSF/ANSI 2), DesignLights Consortium®(DLC)
Files available
LM-79, LM-80, IES
Energy Saver
Standard
MerchandiserMax
4' Center
7.5 W
11.5 W
15 W
4' End
4.5 W
7 W
9 W
5' Center
10 W
15 W
20 W
5' End
6 W
9 W
11 W
6' Center
12.5 W
19 W
25 W
6' End
7.5 W
11 W
13 W
1 Measured at center of door, at shelf depth of 3.625" from mullion.
2 Based on LED component manufacturer data.
Engineered lens – Conceals the light source and reduces glare while directing the light across
product packaging for narrow shelf depths.
Power controller – Allows the lights to be set at three different power settings (Standard,
MerchandiserMax, and Energy Saver) to balance light output with energy savings.
Stand-off clip – Spaces the light to accommodate mullions with existing mounting hardware that
interferes with a flush mount install.
Occupancy sensing – Dims lights with optional controls based on customer occupancy to
further increase energy savings.
NSF/ANSI 2


Similar Part No. - 701906-5WE6X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7019 BOURNS-7019 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
List of Unclassifed Man...
7019 ETC-7019 Datasheet
114Kb / 1P
   TO-220 HEAT SINKS
logo
Bourns Electronic Solut...
7019-RC BOURNS-7019-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
List of Unclassifed Man...
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
More results

Similar Description - 701906-5WE6X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701948-5WSWT2 ETC2-701948-5WSWT2 Datasheet
1Mb / 3P
   LED lighting system for fuel canopies
701948-5WCWT3 ETC2-701948-5WCWT3 Datasheet
1Mb / 3P
   LED lighting system for fuel canopies
701269-WLPY-MB ETC2-701269-WLPY-MB Datasheet
278Kb / 2P
   Versatile LED lighting system
701940-2WC31 ETC2-701940-2WC31 Datasheet
834Kb / 2P
   LED lighting system for multi-deck merchandisers
logo
P-tec Corporation
PLSO-TR46000-M2X2 P-TEC-PLSO-TR46000-M2X2 Datasheet
434Kb / 1P
   SOLID-STATE LED LIGHTING SYSTEM
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
Grayhill, Inc
62F11-02-050S GRAYHILL-62F11-02-050S Datasheet
446Kb / 2P
   Integrated Self-Lighting System for Knob Illumination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com