Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6101 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6101
Description  Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6101 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6101 Datasheet HTML 4Page - Maxim Integrated Products MAX6101 Datasheet HTML 5Page - Maxim Integrated Products MAX6101 Datasheet HTML 6Page - Maxim Integrated Products MAX6101 Datasheet HTML 7Page - Maxim Integrated Products MAX6101 Datasheet HTML 8Page - Maxim Integrated Products MAX6101 Datasheet HTML 9Page - Maxim Integrated Products MAX6101 Datasheet HTML 10Page - Maxim Integrated Products MAX6101 Datasheet HTML 11Page - Maxim Integrated Products MAX6101 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Turn-On Time
These devices typically turn on and settle to within 0.1%
of their final value in 50µs to 300µs. The turn-on time can
increase up to 1.5ms with the device operating at the
minimum dropout voltage and the maximum load.
Positive and Negative Low-Power
Voltage Reference
Figure 1 shows a typical method for developing a bipolar
reference. The circuit uses a MAX681 voltage
doubler/inverter charge-pump converter to power an
ICL7652, thus creating a positive as well as a negative
reference voltage.
Chip Information
TRANSISTOR COUNT: 117
Low-Cost, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
______________________________________________________________________________________
11
IN
VS
+2VS
-2VS
OUT
+REF OUTPUT
OUTPUT
-REF OUTPUT
10nF
1M, 0.1%
1M, 0.1%
GND
MAX6101
MAX6102
MAX6103
MAX6104
MAX6105
VCC
V+
GND
MAX681
V-
V+
V-
ICL7652
Figure 1. Positive and Negative References from Single +3V or +5V Supply


Similar Part No. - MAX6101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6101EUR-T MAXIM-MAX6101EUR-T Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
More results

Similar Description - MAX6101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6161 MAXIM-MAX6161 Datasheet
335Kb / 17P
   Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Rev 2; 2/02
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com