Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6101 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6101
Description  Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6101 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6101 Datasheet HTML 1Page - Maxim Integrated Products MAX6101 Datasheet HTML 2Page - Maxim Integrated Products MAX6101 Datasheet HTML 3Page - Maxim Integrated Products MAX6101 Datasheet HTML 4Page - Maxim Integrated Products MAX6101 Datasheet HTML 5Page - Maxim Integrated Products MAX6101 Datasheet HTML 6Page - Maxim Integrated Products MAX6101 Datasheet HTML 7Page - Maxim Integrated Products MAX6101 Datasheet HTML 8Page - Maxim Integrated Products MAX6101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Cost, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6103, VOUT = 3.0V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
IOUT = 1mA
mV
-40°C to +85°C
50
200
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
0°C to +70°C
TA = +25°C
Guaranteed by line-regulation test
To VOUT = 0.1% of final value, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
1000h at +25°C
Short to IN
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
Sourcing: 0
≤ IOUT ≤ 5mA
Sinking: -2mA
≤ IOUT ≤ 0
f = 10Hz to 10kHz
Short to GND
f = 0.1Hz to 10Hz
CONDITIONS
VIN -
VOUT
Dropout Voltage (Note 5)
µA/V
410
IIN/VIN
Change in Supply Current
µA
90
150
IIN
Quiescent Supply Current
V
VOUT +
12.6
0.2
VIN
Supply Voltage Range
µF
0
1.0
COUT
Capacitive-Load Stability Range
(Note 3)
µs
115
tR
Turn-On Settling Time
dB
76
∆VOUT/
∆VIN
Ripple Rejection
µVRMS
40
µVp-p
35
eOUT
Noise Voltage
75
ppm/°C
65
TCVOUT
V
2.988
3.000
3.012
VOUT
Output Voltage
Output Voltage Temperature
Coefficient (Notes 2, 3)
ppm
130
∆VOUT/
cycle
Output Voltage Hysteresis
(Note 4)
ppm/
1000h
50
∆VOUT/
time
Long-Term Stability
25
µV/V
13
400
∆VOUT/
∆VIN
Line Regulation
mV/mA
0.5
0.9
∆VOUT/
∆IOUT
Load Regulation
0.018
7.0
mA
25
ISC
OUT Short-Circuit Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DYNAMIC CHARACTERISTICS
INPUT CHARACTERISTICS


Similar Part No. - MAX6101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6101EUR-T MAXIM-MAX6101EUR-T Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
More results

Similar Description - MAX6101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6161 MAXIM-MAX6161 Datasheet
335Kb / 17P
   Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Rev 2; 2/02
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com