Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7342FC Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7342FC
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7342FC Datasheet(HTML) 1 Page - Texas Instruments

  ISO7342FC_15 Datasheet HTML 1Page - Texas Instruments ISO7342FC_15 Datasheet HTML 2Page - Texas Instruments ISO7342FC_15 Datasheet HTML 3Page - Texas Instruments ISO7342FC_15 Datasheet HTML 4Page - Texas Instruments ISO7342FC_15 Datasheet HTML 5Page - Texas Instruments ISO7342FC_15 Datasheet HTML 6Page - Texas Instruments ISO7342FC_15 Datasheet HTML 7Page - Texas Instruments ISO7342FC_15 Datasheet HTML 8Page - Texas Instruments ISO7342FC_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
1 Features
3 Description
ISO734x provide galvanic isolation up to 3000 VRMS
1
Signaling Rate: 25 Mbps
for 1 minute per UL and 4242 VPK per VDE. These
Integrated Noise Filter on the Inputs
devices have four isolated channels comprised of
Default Output 'High' and 'Low' Options
logic input and output buffers separated by a silicon
dioxide (SiO2) insulation barrier. ISO7340 has four
Low Power Consumption, Typical ICC per Channel
channels in forward direction, ISO7341 has three
at 1 Mbps:
forward and one reverse-direction channels; and
ISO7340: 0.9 mA (5 V Supplies),
ISO7342 has two forward and two reverse-direction
0.7 mA (3.3 V Supplies)
channels. In case of input power or signal loss,
ISO7341: 1.2 mA (5 V Supplies),
default output is 'low' for devices with suffix 'F' and
'high' for devices without suffix 'F'. See Device
0.9 mA (3.3 V Supplies)
Functional
Modes
for
further
details.
Used
in
ISO7342: 1.3 mA (5 V Supplies),
conjunction with isolated power supplies, these
0.9 mA (3.3 V Supplies)
devices prevent noise currents on a data bus or other
Low Propagation Delay: 31 ns
circuits from entering the local ground and interfering
Typical (5 V Supplies)
with or damaging sensitive circuitry. ISO734x has
integrated noise filter for harsh industrial environment
3.3 V and 5 V Level Translation
where short noise pulses may be present at the
Wide Temperature Range: –40°C to 125°C
device input pins. ISO734x has TTL input thresholds
70 KV/
μs Transient Immunity,
and operates from 3 V to 5.5 V supply levels.
Typical (5 V Supplies)
Through
innovative
chip
design
and
layout
techniques, electromagnetic compatibility of ISO734x
Robust Electromagnetic Compatibility (EMC)
has been significantly enhanced to enable system-
System-level ESD, EFT, and Surge Immunity
level ESD, EFT, Surge and Emissions compliance.
Low Emissions
Operates from 3.3 V and 5 V Supplies
Device Information(1)
ORDER NUMBER
PACKAGE
BODY SIZE
Wide Body SOIC-16 Package
ISO7340C
Safety and Regulatory Approvals:
ISO7340FC
4242 VPK Basic Isolation per DIN V VDE V
ISO7341C
0884-10 and DIN EN 61010-1
SOIC (16)
10.3mm x 7.50mm
ISO7341FC
3 KVRMS Isolation for 1 minute per UL 1577
ISO7342C
CSA Component Acceptance Notice 5A, IEC
ISO7342FC
60950-1 and IEC 61010-1 End Equipment
Standards
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
GB4943.1-2011 CQC Certification
Simplified Schematic
2 Applications
Optocoupler Replacement in:
Industrial Fieldbus
Profibus
Modbus
DeviceNetTM Data Buses
Servo Control Interface
(1)
VCCI and GNDI are supply and ground
Motor Control
connections
respectively
for
the
input
Power Supplies
channels.
Battery Packs
(2)
VCCO and GNDO are supply and ground
connections respectively for the output.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7342FC_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7342FCDW TI1-ISO7342FCDW Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7342FCDWR TI1-ISO7342FCDWR Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7342FCQDWQ1 TI1-ISO7342FCQDWQ1 Datasheet
1Mb / 35P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7342FCQDWRQ1 TI1-ISO7342FCQDWRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results

Similar Description - ISO7342FC_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
[Old version datasheet]   ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7340-Q1 TI-ISO7340-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7340-Q1 TI-ISO7340-Q1_15 Datasheet
569Kb / 29P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com