Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7840 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO7840
Description  ISO7840 ISO7840F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7840 Datasheet(HTML) 5 Page - Texas Instruments

  ISO7840_15 Datasheet HTML 1Page - Texas Instruments ISO7840_15 Datasheet HTML 2Page - Texas Instruments ISO7840_15 Datasheet HTML 3Page - Texas Instruments ISO7840_15 Datasheet HTML 4Page - Texas Instruments ISO7840_15 Datasheet HTML 5Page - Texas Instruments ISO7840_15 Datasheet HTML 6Page - Texas Instruments ISO7840_15 Datasheet HTML 7Page - Texas Instruments ISO7840_15 Datasheet HTML 8Page - Texas Instruments ISO7840_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ISO7840, ISO7840F
www.ti.com
SLLSEN2 – JULY 2015
6.4 Thermal Information
DW (SOIC)
THERMAL METRIC(1)
UNIT
16 Pins
RθJA
Junction-to-ambient thermal resistance
78.9
RθJC(top)
Junction-to-case(top) thermal resistance
41.6
RθJB
Junction-to-board thermal resistance
43.6
°C/W
ψJT
Junction-to-top characterization parameter
15.5
ψJB
Junction-to-board characterization parameter
43.1
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Power Rating
VALUE
UNIT
PD
Maximum power dissipation by ISO7840
200
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
PD1
Maximum power dissipation by side-1 of ISO7840
CL = 15 pF, input a 50 MHz 50% duty cycle
40
mW
square wave
PD2
Maximum power dissipation by side-2 of ISO7840
160
6.6 Electrical Characteristics, 5 V
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 7
VCCO – 0.4
VCCO – 0.2
V
VOL
Low-level output voltage
IOL = 4 mA; see Figure 7
0.2
0.4
V
Input threshold voltage
VI(HYS)
0.1 × VCCO
V
hysteresis
IIH
High-level input current
VIH = VCCI at INx or EN2
10
μA
IIL
Low-level input current
VIL = 0 V at INx or EN2
–10
μA
Common-mode transient
CMTI
VI = VCCI or 0 V; see Figure 10
70
100
kV/
μs
immunity
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7840 ISO7840F


Similar Part No. - ISO7840_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7840DW TI1-ISO7840DW Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840DWR TI1-ISO7840DWR Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840DWW TI1-ISO7840DWW Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840DWWR TI1-ISO7840DWWR Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840F TI1-ISO7840F Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results

Similar Description - ISO7840_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI-ISO7841_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
[Old version datasheet]   ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
[Old version datasheet]   ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com