Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7840 Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7840
Description  ISO7840 ISO7840F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7840 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7840_15 Datasheet HTML 5Page - Texas Instruments ISO7840_15 Datasheet HTML 6Page - Texas Instruments ISO7840_15 Datasheet HTML 7Page - Texas Instruments ISO7840_15 Datasheet HTML 8Page - Texas Instruments ISO7840_15 Datasheet HTML 9Page - Texas Instruments ISO7840_15 Datasheet HTML 10Page - Texas Instruments ISO7840_15 Datasheet HTML 11Page - Texas Instruments ISO7840_15 Datasheet HTML 12Page - Texas Instruments ISO7840_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ISO7840, ISO7840F
www.ti.com
SLLSEN2 – JULY 2015
6.9 Switching Characteristics, 5 V
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
6
11
16
See Figure 7
PWD(1)
Pulse width distortion |tPHL – tPLH|
0.55
4.1
tsk(o)
(2)
Channel-to-channel output skew time
Same-direction channels
2.5
tsk(pp)
(3)
Part-to-part skew time
4.5
ns
tr
Output signal rise time
1.7
3.9
See Figure 7
tf
Output signal fall time
1.9
3.9
tPHZ
Disable propagation delay, high-to-high impedance output
12
20
tPLZ
Disable propagation delay, low-to-high impedance output
12
20
Enable propagation delay, high impedance-to-high output for
10
20
ns
ISO7840
tPZH
Enable propagation delay, high impedance-to-high output for
See Figure 8
2
2.5
μs
ISO7840F
Enable propagation delay, high impedance-to-low output for
2
2.5
μs
ISO7840
tPZL
Enable propagation delay, high impedance-to-low output for
10
20
ns
ISO7840F
Measured from the time VCC
tfs
Default output delay time from input power loss
0.2
9
μs
goes below 1.7 V. See Figure 9
tie
Time interval error
0.90
ns
216 – 1 PRBS data at 100 Mbps
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.10 Switching Characteristics, 3.3 V
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
6
10.8
16
See Figure 7
PWD(1)
Pulse width distortion |tPHL – tPLH|
0.7
4.2
tsk(o)
(2)
Channel-to-channel output skew time
Same-direction channels
2.2
tsk(pp)
(3)
Part-to-part skew time
4.5
tr
Output signal rise time
0.8
3
ns
See Figure 7
tf
Output signal fall time
0.8
3
Disable propagation delay, high-to-high impedance
tPHZ
17
32
output
Disable propagation delay, low-to-high impedance
tPLZ
17
32
output
Enable propagation delay, high impedance-to-high
17
32
ns
output for ISO7840
tPZH
See Figure 8
Enable propagation delay, high impedance-to-high
2
2.5
μs
output for ISO7840F
Enable propagation delay, high impedance-to-low
2
2.5
μs
output for ISO7840
tPZL
Enable propagation delay, high impedance-to-low
17
32
ns
output for ISO7840F
Measured from the time VCC goes
tfs
Default output delay time from input power loss
0.2
9
μs
below 1.7 V. See Figure 9
tie
Time interval error
0.91
ns
216 – 1 PRBS data at 100 Mbps
(1)
Also known as Pulse Skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO7840 ISO7840F


Similar Part No. - ISO7840_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7840DW TI1-ISO7840DW Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840DWR TI1-ISO7840DWR Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840DWW TI1-ISO7840DWW Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840DWWR TI1-ISO7840DWWR Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840F TI1-ISO7840F Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results

Similar Description - ISO7840_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI-ISO7841_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
[Old version datasheet]   ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
[Old version datasheet]   ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com