Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6062AEUR-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6062AEUR-T
Description  Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6062AEUR-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6062AEUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6062AEUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6062AEUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6062AEUR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6062AEUR-T Datasheet HTML 9Page - Maxim Integrated Products MAX6062AEUR-T Datasheet HTML 10Page - Maxim Integrated Products MAX6062AEUR-T Datasheet HTML 11Page - Maxim Integrated Products MAX6062AEUR-T Datasheet HTML 12Page - Maxim Integrated Products MAX6062AEUR-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Precision, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
_______________________________________________________________________________________
9
ELECTRICAL CHARACTERISTICS—MAX6065, VOUT = 5.000V
(VIN = +5.2V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by design for TA = TMIN to TMAX, as specified.
Note 2: Temperature Coefficient is measured by the “box” method, i.e., the maximum
∆VOUT is divided by the maximum ∆T.
Note 3: Temperature Hysteresis is defined as the change in +25°C output voltage before and after cycling the device from TMIN to TMAX.
Note 4: Dropout voltage is the minimum input voltage at which VOUT changes
≤ 0.2% from VOUT at VIN = 5.0V (VIN = 5.5V for MAX6065).
VOUT
4.990
5.000
5.010
V
TA = +25°C
MAX6065A (0.2%)
MAX6065B (0.4%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
OUT Short-Circuit Current
ISC
25
mA
2.4
8.0
Load Regulation
∆VOUT/
∆IOUT
0.5
0.9
mV/mA
Line Regulation
∆VOUT/
∆VIN
180
550
µV/V
25
Long-Term Stability
∆VOUT/
time
62
ppm/
1000hr
Output Voltage Hysteresis
(Note 3)
∆VOUT/
cycle
130
ppm
Output Voltage Temperature
Coefficient (Note 2)
4.980
5.000
5.020
TCVOUT
620
ppm/°C
630
Noise Voltage
eOUT
60
µVp-p
60
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
65
dB
Turn-On Settling Time
tR
300
µs
Supply Voltage Range
VIN
VOUT + 0.2
12.6
V
Quiescent Supply Current
IIN
90
125
µA
Change in Supply Current
IIN/VIN
3.2
8.0
µA/V
Dropout Voltage (Note 4)
VIN -
VOUT
CONDITIONS
f = 0.1Hz to 10Hz
Short to GND
f = 10Hz to 10kHz
Sinking: -2mA
≤ IOUT ≤ 0
Sourcing: 0
≤ IOUT ≤ 5mA
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
Short to IN
1000hr at +25°C
VIN = 5V ±100mV, f = 120Hz
To VOUT = 0.1% of final value, COUT = 50pF
Guaranteed by line-regulation test
MAX6065A
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
50
200
MAX6065B
mV
IOUT = 1mA
Output Voltage
DYNAMIC CHARACTERISTICS
INPUT CHARACTERISTICS


Similar Part No. - MAX6062AEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX606 MAXIM-MAX606 Datasheet
213Kb / 12P
   Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
Rev 1; 1/99
MAX606 MAXIM-MAX606 Datasheet
90Kb / 4P
   Tiny Surface-Mount Design
Rev 1; 1/99
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 MAX6069AAAWS+* ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com