Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3643AYFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3643AYFFR
Description  Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3643AYFFR Datasheet(HTML) 5 Page - Texas Instruments

  LM3643AYFFR Datasheet HTML 1Page - Texas Instruments LM3643AYFFR Datasheet HTML 2Page - Texas Instruments LM3643AYFFR Datasheet HTML 3Page - Texas Instruments LM3643AYFFR Datasheet HTML 4Page - Texas Instruments LM3643AYFFR Datasheet HTML 5Page - Texas Instruments LM3643AYFFR Datasheet HTML 6Page - Texas Instruments LM3643AYFFR Datasheet HTML 7Page - Texas Instruments LM3643AYFFR Datasheet HTML 8Page - Texas Instruments LM3643AYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM3643, LM3643A
www.ti.com
SNVS967A – AUGUST 2014 – REVISED NOVEMBER 2014
8.5 Electrical Characteristics
Typical limits tested at TA = 25°C. Minimum and maximum limits apply over the full operating ambient temperature range
(
−40°C ≤ TA ≤ 85°C). Unless otherwise specified, VIN = 3.6 V, HWEN = VIN.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE SPECIFICATIONS
VOUT = 4 V, flash code = 0x7F = 1.5 A
–7%
1.5
7%
A
flash
ILED1/2
Current source accuracy
VOUT = 4 V, torch code = 0x3F = 89.3 mA
–10%
89.3
10%
mA
torch
ILED1/2 = 729 mA
Flash
290
LED1 and LED2 current source
VHR
mV
regulation voltage
ILED1/2 = 179 mA
Torch
158
ON threshold
4.86
5
5.1
VOVP
V
OFF threshold
4.75
4.88
4.99
STEP-UP DC/DC CONVERTER SPECIFICATIONS
RPMOS
PMOS switch on-resistance
86
m
RNMOS
NMOS switch on-resistance
65
Reg 0x07, bit[0] = 0
–12%
1.9
12%
ICL
Switch current limit
A
Reg 0x07, bit[0] = 1
–12%
2.8
12%
UVLO
Undervoltage lockout threshold
Falling VIN
–2%
2.5
2%
V
VTRIP
NTC comparator trip threshold
Reg 0x09, bits[3:1] = '100'
–5%
0.6
5%
V
INTC
NTC current
–6%
50
6%
µA
Input voltage flash monitor trip
VIVFM
Reg 0x02, bits[5:3] = '000'
–3%
2.9
3%
V
threshold
IQ
Quiescent supply current
Device not switching pass mode
0.3
0.75
mA
Device disabled, HWEN = 0 V
ISD
Shutdown supply current
0.1
4
µA
2.5 V
≤ VIN ≤ 5.5 V
Device disabled, HWEN = 1.8 V
ISB
Standby supply current
2.5
10
µA
2.5 V
≤ VIN ≤ 5.5 V
HWEN, TORCH/TEMP, STROBE, TX VOLTAGE SPECIFICATIONS
VIL
Input logic low
0
0.4
2.5 V
≤ VIN ≤ 5.5 V
V
VIH
Input logic high
1.2
VIN
I2C-COMPATIBLE INTERFACE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
0
0.4
2.5 V
≤ VIN ≤ 4.2 V
V
VIH
Input logic high
1.2
VIN
VOL
Output logic low
ILOAD = 3 mA
400
mV
(1)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis. Typical (typ.) numbers are not verified, but
do represent the most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
(2)
All voltages are with respect to the potential at the GND pin.
8.6 Timing Requirements
MIN
NOM
MAX
UNIT
t1
SCL clock period
2.4
µs
t2
Data in set-up time to SCL high
100
t3
Data out stable After SCL low
0
ns
t4
SDA low set-up time to SCL Low (start)
100
t5
SDA high hold time after SCL high (stop)
100
8.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
2.5 V
≤ VIN ≤ 5.5 V
–6%
4
6%
MHz
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3643 LM3643A


Similar Part No. - LM3643AYFFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Similar Description - LM3643AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3559 TI1-LM3559 Datasheet
2Mb / 42P
[Old version datasheet]   LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3560 TI1-LM3560 Datasheet
3Mb / 42P
[Old version datasheet]   LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com