Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5112SDX Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5112SDX
Description  Tiny 7A MOSFET Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5112SDX Datasheet(HTML) 5 Page - Texas Instruments

  LM5112SDX Datasheet HTML 1Page - Texas Instruments LM5112SDX Datasheet HTML 2Page - Texas Instruments LM5112SDX Datasheet HTML 3Page - Texas Instruments LM5112SDX Datasheet HTML 4Page - Texas Instruments LM5112SDX Datasheet HTML 5Page - Texas Instruments LM5112SDX Datasheet HTML 6Page - Texas Instruments LM5112SDX Datasheet HTML 7Page - Texas Instruments LM5112SDX Datasheet HTML 8Page - Texas Instruments LM5112SDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
17.5
20
22.5
25
27.5
30
32.5
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
TA = 25°C
CL = 2200pF
tD2
tD1
0
10
20
30
40
50
100
1k
10k
CAPACITIVE LOAD (pF)
tr
tf
TA = 25°C
VCC = 12V
10
14
16
18
20
12
4
6
9 10
12 13
16
SUPPLY VOLTAGE (V)
5
7
8
11
14 15
tr
tf
TA = 25°C
CL = 2200pF
-75 -50 -25
0
25 50 75 100 125 150 175
TEMPERATURE (°C)
8
10
12
14
16
18
tr
tf
VCC = 12V
CL = 2200pF
VCC = 15V
VCC = 10V
VCC = 5V
TA = 25°C
CL = 2200pF
0.1
1
10
100
1
10
100
1000
FREQUENCY (kHz)
f = 500kHz
f = 100kHz
f = 10kHz
TA = 25°C
VCC = 12V
1
100
0.1
10
100
1k
10k
CAPACITIVE LOAD (pF)
LM5112
www.ti.com
SNVS234B – SEPTEMBER 2004 – REVISED APRIL 2006
Typical Performance Characteristics
Supply Current
Supply Current
vs
vs
Frequency
Capacitive Load
Figure 6.
Figure 7.
Rise and Fall Time
Rise and Fall Time
vs
vs
Supply Voltage
Temperature
Figure 8.
Figure 9.
Rise and Fall Time
Delay Time
vs
vs
Capacitive Load
Supply Voltage
Figure 10.
Figure 11.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5112


Similar Part No. - LM5112SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5112SDX TI1-LM5112SDX Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SDX TI1-LM5112SDX Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SDX/NOPB TI1-LM5112SDX/NOPB Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SDX/NOPB TI1-LM5112SDX/NOPB Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
More results

Similar Description - LM5112SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112 TI1-LM5112 Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112SD TI1-LM5112SD Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
SM74101 TI-SM74101 Datasheet
1Mb / 23P
[Old version datasheet]   SM74101 Tiny 7A MOSFET Gate Driver
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Maxim Integrated Produc...
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com