Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2581E Datasheet(PDF) 10 Page - Texas Instruments

Part # LMX2581E
Description  LMX2581E Wideband Frequency Synthesizer with Integrated VCO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2581E Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2581E_15 Datasheet HTML 6Page - Texas Instruments LMX2581E_15 Datasheet HTML 7Page - Texas Instruments LMX2581E_15 Datasheet HTML 8Page - Texas Instruments LMX2581E_15 Datasheet HTML 9Page - Texas Instruments LMX2581E_15 Datasheet HTML 10Page - Texas Instruments LMX2581E_15 Datasheet HTML 11Page - Texas Instruments LMX2581E_15 Datasheet HTML 12Page - Texas Instruments LMX2581E_15 Datasheet HTML 13Page - Texas Instruments LMX2581E_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Frequency (MHz)
100
200
300
400
500
600
700
800
900
1000
-35
-32.5
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
D001
OSCin Doubler Enabled
OSCin Doubler Disabled
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000
-400
-300
-200
-100
0
100
200
300
400
500
600
700
D001
Real
Magnitude
Imag
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
4000
-35
-30
-25
-20
-15
-10
-5
0
5
D001
25C, Buffer On
25C, Buffer Off
-40 C Buffer Off
85C, Buffer Off
Frequency (Hz)
0
1E+9
2E+9
3E+9
4E+9
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
400
D001
Real
Magnitude
Imaginary
Output Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
4000
-2
0
2
4
6
8
10
D001
50 ohm Resistor
18 nH Inductor
Frequency (Hz)
1E+8
2E+8 3E+8
5E+8 7E+8 1E+9
2E+9 3E+94E+9
10
20
30
40
50
70
100
200
300
400
500
700
1000
D001
Pull-Up Component
None
51 ohm Resistor
18 nH Inductor
LMX2581E
SNAS665 – MAY 2015
www.ti.com
Typical Characteristics (continued)
Figure 8. Single-Ended Output Power vs. Frequency
Figure 9. Impedance of RFoutX Pins
Figure 10. Sensitivity for External VCO Input (Fin) Pin
Figure 11. Impedance of External VCO Input (Fin) Pin
Figure 12. OSCin Input Sensitivity
Figure 13. OSCin Input Impedance
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMX2581E


Similar Part No. - LMX2581E_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581ESQE TI1-LMX2581ESQE Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQE/NOPB TI1-LMX2581ESQE/NOPB Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQX TI1-LMX2581ESQX Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQX/NOPB TI1-LMX2581ESQX/NOPB Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581EVM TI-LMX2581EVM Datasheet
2Mb / 46P
[Old version datasheet]   Input and Output Connector Description
More results

Similar Description - LMX2581E_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581_16 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581 Datasheet
883Kb / 30P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
logo
Analog Devices
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
   Wideband Synthesizer with Integrated VCO
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
   Wideband Synthesizer with Integrated VCO
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
   Wideband Synthesizer with Integrated VCO
REV. 0
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com