Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6C5712-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC6C5712-Q1
Description  TLC6C5712-Q1 12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver With 8-Bit Dot Correction
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC6C5712-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC6C5712-Q1_15 Datasheet HTML 5Page - Texas Instruments TLC6C5712-Q1_15 Datasheet HTML 6Page - Texas Instruments TLC6C5712-Q1_15 Datasheet HTML 7Page - Texas Instruments TLC6C5712-Q1_15 Datasheet HTML 8Page - Texas Instruments TLC6C5712-Q1_15 Datasheet HTML 9Page - Texas Instruments TLC6C5712-Q1_15 Datasheet HTML 10Page - Texas Instruments TLC6C5712-Q1_15 Datasheet HTML 11Page - Texas Instruments TLC6C5712-Q1_15 Datasheet HTML 12Page - Texas Instruments TLC6C5712-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Reference Current (2A)
0
20
40
60
80
100
120
5
10
15
20
25
30
35
40
45
50
55
D004
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
Input Reference Current (2A)
0
20
40
60
80
100
120
5
10
15
20
25
30
35
40
45
50
55
D005
-40GC
25GC
125GC
Reference Current (2A)
0
20
40
60
80
100
120
0
10
20
30
40
50
60
D002
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
Reference Current (2A)
0
20
40
60
80
100
120
5
10
15
20
25
30
35
40
45
50
55
D003
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
V(OUTx) (V)
0
1
2
3
4
5
6
0
10
20
30
40
50
60
D013
V(OUTx) (V)
0
1
2
3
4
5
6
7
8
99.75%
99.8%
99.85%
99.9%
99.95%
100%
100.05%
D001
Ratio_CH0
Ratio_CH5
Ratio_CH6
Ratio_CH11
TLC6C5712-Q1
www.ti.com
SLVSCO9A – AUGUST 2015 – REVISED AUGUST 2015
6.8 Typical Characteristics
VCC = 3.3 V
R(IREF) = 12.2 kΩ
TA = 25ºC
VCC = 5.5 V
TA = 25ºC
R(IREF) = 12.2 kΩ
Dot correction = 255
Dot correction = 255
Figure 3. Output Current vs Output Voltage
Figure 4. Output Current Ratio vs Output Voltage
VCC = 5.5 V
TA = 25ºC
Dot correction = 255
VCC = 5.5 V
TA = –40ºC
Dot correction = 255
Figure 5. Output Current vs Reference Current
Figure 6. Output Current vs Reference Current
VCC = 5.5 V
TA = 125ºC
Dot correction = 255
VCC = 5.5 V
Channel = IOUT5
Dot correction = 255
Figure 7. Output Current vs Reference Current
Figure 8. Output Current vs Reference Current
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLC6C5712-Q1


Similar Part No. - TLC6C5712-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
More results

Similar Description - TLC6C5712-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
logo
STMicroelectronics
STP08CDC596 STMICROELECTRONICS-STP08CDC596 Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com