Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92601-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS92601-Q1
Description  TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92601-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS92601-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS92601-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS92601-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS92601-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS92601-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS92601-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS92601-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS92601-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS92601-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
ROVFB_B
+
±
+
±
+
±
+
±
+
±
+
ROVFB_A
RSNS
RLED_SNS
ROSC
RZ
CZ
CP
C
CVCC
+
V(BAT)
PWMIN
ICTRL
COMP
RT
DIAG
TPS9260x-Q1
VDD
VCC
VIN
UVLO
LDO
Int. FET
Voltage
Monitor
TJ
Shutdown
Shutdown
Logic
VCC
CLRZ
CLRZ
QZ
D
CLK
Slope
Compensation
Over-
current
Detect
100 mV
2.2 V
0.75 V
Soft-
start
MP
D
L
LED
OVFB
ISNS
GDRV
PWMO
VOUT
ISN
ISP
GND
PGND
Osc
or
PLL
Q
&
LDO
Int. FET
1
TPS92601-Q1, TPS92602-Q1, TPS92601A-Q1, TPS92602A-Q1
SLUSBP5D – MARCH 2014 – REVISED JANUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS92602-Q1 device is a dual-channel LED driver. The base of each independent driver is a peak-current-
mode boost controller. The two boost controllers operate 180° out-of-phase in order to reduce ripple currents and
radiation.
Each controller is independently configurable to regulate the output current (the typical case for driving LEDs) or
to regulate the output voltage. Depending on the chosen configuration for each channel, one loop is active while
the other loop only acts in case of a failure condition. In a constant-current application, the inactive voltage loop
sets the maximum output-voltage limit (and hence becomes active in case of output overvoltage due to an open
LED). In constant-voltage applications, the inactive current loop sets the maximum output current limit (and
hence becomes active in case of output overcurrent because of an LED short to ground).
The TPS92601-Q1 device is a single-channel version of the TPS92602-Q1 device. Both devices have the same
functions.
8.2 Functional Block Diagram
Figure 9. Block Diagram, TPS9260x-Q1 in Boost-To-Battery Configuration
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS92601-Q1 TPS92602-Q1 TPS92601A-Q1 TPS92602A-Q1


Similar Part No. - TPS92601-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
More results

Similar Description - TPS92601-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
TPS92663A-Q1 TI-TPS92663A-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   TPS92663A-Q1 High-brightness LED Matrix Manager for Automotive Headlight Systems
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92621-Q1 TI1-TPS92621-Q1 Datasheet
5Mb / 36P
[Old version datasheet]   TPS92621-Q1 Single-Channel, Automotive, High Side LED Driver with Thermal Sharing
AUGUST 2023
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
   LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
   LED Headlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com