Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92601-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92601-Q1
Description  TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92601-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS92601-Q1 Datasheet HTML 4Page - Texas Instruments TPS92601-Q1 Datasheet HTML 5Page - Texas Instruments TPS92601-Q1 Datasheet HTML 6Page - Texas Instruments TPS92601-Q1 Datasheet HTML 7Page - Texas Instruments TPS92601-Q1 Datasheet HTML 8Page - Texas Instruments TPS92601-Q1 Datasheet HTML 9Page - Texas Instruments TPS92601-Q1 Datasheet HTML 10Page - Texas Instruments TPS92601-Q1 Datasheet HTML 11Page - Texas Instruments TPS92601-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
0
20
40
60
80
100
120
140
160
180
0
500
1000
1500
2000
2500
V
(ICTRLx) (mV)
C005
0
500
1000
1500
2000
2500
3000
0
50
100
150
200
250
ISP J ISN (mV)
C006
0
100
200
300
400
500
600
700
0
20
40
60
80
100
120
140
R
(RT) Resistance (kŸ)
C003
0
100
200
300
400
500
600
0
20
40
60
80
100
Dimming Duty Cycle (%)
CH1
CH2
C004
86
88
90
92
94
96
98
100
8
10
12
14
16
18
20
V
(VIN) Voltage (V)
C001
490
492
494
496
498
500
502
504
506
508
510
8
10
12
14
16
18
20
V
(VIN) Voltage (V)
CH1
CH2
C002
TPS92601-Q1, TPS92602-Q1, TPS92601A-Q1, TPS92602A-Q1
SLUSBP5D – MARCH 2014 – REVISED JANUARY 2015
www.ti.com
7.6 Typical Characteristics
Load is eight LEDs per channel at 500 mA, –40ºC
≤ TA ≤ 125ºC, –40ºC ≤ TJ ≤ 150ºC, C(COMP) = 0.22 µF, unless otherwise
noted.
Figure 1. Boost Efficiency vs Input Voltage
Figure 2. Line Regulation
f(PWM) = 200 Hz
Figure 4. I(OUT) vs PWM Dimming Duty Cycle
Figure 3. Switching Frequency vs R(RT) Resistance
Figure 6. V(DIAGx) vs V(ISPx – ISNx)
Figure 5. Analog Dimming: Differential Sense Voltage,
V(ISPx – ISNx) vs V(ICTRLx)
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS92601-Q1 TPS92602-Q1 TPS92601A-Q1 TPS92602A-Q1


Similar Part No. - TPS92601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
More results

Similar Description - TPS92601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
TPS92663A-Q1 TI-TPS92663A-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   TPS92663A-Q1 High-brightness LED Matrix Manager for Automotive Headlight Systems
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92621-Q1 TI1-TPS92621-Q1 Datasheet
5Mb / 36P
[Old version datasheet]   TPS92621-Q1 Single-Channel, Automotive, High Side LED Driver with Thermal Sharing
AUGUST 2023
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
   LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
   LED Headlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com