Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92638-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS92638-Q1
Description  TPS92638-Q1 8-Channel Linear LED Driver With PWM Dimming
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92638-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92638-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS92638-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS92638-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS92638-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS92638-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS92638-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS92638-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS92638-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS92638-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TPS92638-Q1
www.ti.com
SLVSCK5B – SEPTEMBER 2014 – REVISED MARCH 2015
Typical Characteristics (continued)
CH1: V(IOUT1)
CH2: I(IOUT1)
CH3: V(SUPPLY)
CH1: V(IOUT1)
CH2: I(IOUT1)
CH3: V(SUPPLY)
CH4: FAULT
CH4: FAULT
Figure 14. Jump Start From 13.5 V to 26 V
Figure 13. Cold Cranking Behavior
CH1: V(SUPPLY)
CH2: V(REF)
CH3: V(IOUT8)
CH1: V(SUPPLY)
CH2: V(REF)
CH3: V(IOUT8)
CH4: I(IOUT8)
I(IOUTx) = 35 mA
CH4: I(IOUT8)
I(IOUTx) = 35 mA
Figure 15. Superimposed Alternating Voltage, 12 V–18 V,
Figure 16. Superimposed Alternating Voltage, 12 V–18 V,
15 Hz
200 Hz
CH1: V(SUPPLY)
CH2: V(REF)
CH3: V(IOUT8)
CH1: V(SUPPLY)
CH2: V(REF)
CH3: V(IOUT8)
CH4: I(IOUT8)
I(IOUTx) = 35 mA
CH4: I(IOUT8)
I(IOUTx) = 35 mA
Figure 17. Superimposed Alternating Voltage, 12 V–18 V,
Figure 18. Superimposed Alternating Voltage, 12 V–18 V,
2 kHz
10 kHz
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS92638-Q1


Similar Part No. - TPS92638-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
More results

Similar Description - TPS92638-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Integrated Silicon Solu...
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
   SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
SG Micro Corp
SGM3145 SGMICRO-SGM3145_16 Datasheet
2Mb / 12P
   8-Channel PWM Dimming Charge Pump White LED Driver
SGM3145 SGMICRO-SGM3145 Datasheet
314Kb / 12P
   8-Channel PWM Dimming Charge Pump White LED Driver
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
   PWM dimming linear buck LED constant current driver
HM7237 HMSEMI-HM7237 Datasheet
395Kb / 6P
   PWM dimming linear buck LED constant current driver
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com