Electronic Components Datasheet Search |
|
3513 Datasheet(PDF) 8 Page - Unisonic Technologies |
|
3513 Datasheet(HTML) 8 Page - Unisonic Technologies |
8 / 12 page 3513 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 8 of 12 www.unisonic.com.tw QW-R502-129.C ELECTRICAL CHARACTERISTICS (Cont.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT PGI AND PGO V12A, V12B 9.5 9.90 10.5 V V5 4.15 4.30 4.45 V Under Voltage Threshold V33 2.54 2.68 2.82 V Input Threshold Voltage (PGI) VI(THD) 1.16 1.20 1.24 V Low Level Output Voltage (PGO) VOL @ ISINK=10mA 0.4 V Output Leakage current (PGO) ILEAK @ PGO=5V 5 uA OTP/FC High-Level Input Voltage (OTP) VIH 3513E/3513F 3.10 3.25 3.40 V Low-Level Input Voltage (OTP) VIL 2.30 2.45 2.60 V Start-up Voltage (FC) 0.7 0.8 0.9 V Stop Voltage (FC) 0.55 0.65 0.75 V PWM High Level Output Voltage VOH @ ISOURCE=4.5mA V12A-0.4 V Low Level Output Voltage VOL @ ISINK=4.5mA 0.4 V Output Leakage Current ILEAK 5 μA PWM Frequency fPWM 28 35 42 KHz SWITCHING CHARACTERISTICS PSONB ON (PSONB Low to FPOB Low) T(PSONB ON) @ VDD=5V 32 38 62 ms PSONB OFF (PSONB Hi to PGO Low) T(PSONB OFF) @ VDD=5V 32 38 62 ms PGI to PGO Delay Time TPG @ VDD=5V 200 300 490 ms Timing PGO Low to FPO high TPSOFF @ VDD=5V 2.0 2.4 4 ms TUVP1 @ FPOB=Low & PGI > 1.2V 65 75 122 ms UVD/OCD turn on delay Time TUVP2 @ FPOB=Low & PGI < 1.2V 260 300 488 ms Noise Deglitch Time tG1 63 75 120 μs Noise Deglitch Time for Latch tG2 63 75 120 μs TOTAL DEVICE Low Voltage VDD 3.6 V Supply Current IDD @ PSONB=5V 1 mA |
Similar Part No. - 3513_15 |
|
Similar Description - 3513_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |