Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6018AEUR18 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6018AEUR18
Description  Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6018AEUR18 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6018AEUR18 Datasheet HTML 1Page - Maxim Integrated Products MAX6018AEUR18 Datasheet HTML 2Page - Maxim Integrated Products MAX6018AEUR18 Datasheet HTML 3Page - Maxim Integrated Products MAX6018AEUR18 Datasheet HTML 4Page - Maxim Integrated Products MAX6018AEUR18 Datasheet HTML 5Page - Maxim Integrated Products MAX6018AEUR18 Datasheet HTML 6Page - Maxim Integrated Products MAX6018AEUR18 Datasheet HTML 7Page - Maxim Integrated Products MAX6018AEUR18 Datasheet HTML 8Page - Maxim Integrated Products MAX6018AEUR18 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Precision, Micropower, 1.8V Supply,
Low-Dropout, SOT23 Voltage Reference
8
_______________________________________________________________________________________
Detailed Description
The MAX6018 is a precision, low-voltage, low-dropout,
micropower, bandgap voltage reference in a SOT23
package. This three-terminal reference operates with
an input voltage from (VOUT + 200mV) to 5.5V, and is
available with output voltage options of 1.2V, 1.6V,
1.8V, and 2.048V. These devices can source up to 1mA
with <200mV of dropout voltage, making them attrac-
tive for use in low-voltage applications.
Applications Information
Output/Load Capacitance
These devices require a minimum of 100pF load to
maintain output stability.
They remain stable for capacitive loads as high as 1µF.
In applications where the load or the supply can experi-
ence step changes, a larger output capacitor reduces
the amount of overshoot (or undershoot) and assists
the circuit’s transient response. Otherwise, applications
may not need more than 100pF.
Supply Current
The 5µA maximum supply current varies only 0.1µA/V
with the supply voltage.
When the supply voltage is below the minimum-speci-
fied input voltage (as during turn-on), the devices can
draw up to 20µA beyond the nominal supply current.
The input voltage source must be capable of providing
this current to ensure reliable turn-on.
Turn-On Time
These devices typically turn on and settle to within
0.1% of their final value in 200µs. The turn-on time can
increase up to 1ms with the device operating at the
minimum dropout voltage and the maximum load.
Chip Information
TRANSISTOR COUNT: 87
PROCESS: BiCMOS
PIN
NAME
FUNCTION
1IN
Supply Voltage Input. Bypass with a 0.1µF
capacitor to ground.
2
OUT
Reference Voltage Output. Bypass with at
least 100pF to ground. (See Output/Load
Capacitance section).
3
GND
Ground
Pin Description
IOUT
1mA/div
+1mA
-1mA
VOUT
1V/div
MAX6018_21
LOAD-TRANSIENT RESPONSE
MAX6018 toc19
100
µs/div
COUT = 150pF
MAX6018_12
LINE-TRANSIENT RESPONSE
MAX6018 toc20
VOUT
50mV/div
VIN
200mV/div
100
µs/div
COUT = 550pF
VIN
200mV/div
VOUT
50mV/div
MAX6018_21
LINE-TRANSIENT RESPONSE
MAX6018 toc21
100
µs/div
COUT = 550pF
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6018AEUR18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018AEUR18+T MAXIM-MAX6018AEUR18+T Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results

Similar Description - MAX6018AEUR18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com