Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6129_EUK25-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6129_EUK25-T
Description  Ultra-Low-Power Series Voltage Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6129_EUK25-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6129_EUK25-T Datasheet HTML 1Page - Maxim Integrated Products MAX6129_EUK25-T Datasheet HTML 2Page - Maxim Integrated Products MAX6129_EUK25-T Datasheet HTML 3Page - Maxim Integrated Products MAX6129_EUK25-T Datasheet HTML 4Page - Maxim Integrated Products MAX6129_EUK25-T Datasheet HTML 5Page - Maxim Integrated Products MAX6129_EUK25-T Datasheet HTML 6Page - Maxim Integrated Products MAX6129_EUK25-T Datasheet HTML 7Page - Maxim Integrated Products MAX6129_EUK25-T Datasheet HTML 8Page - Maxim Integrated Products MAX6129_EUK25-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX6129 micropower, low-dropout bandgap volt-
age reference combines ultra-low supply current and
low drift in a miniature 5-pin SOT23 surface-mount
package that uses 70% less board space than compa-
rable devices in an SO package. This series-mode volt-
age reference sources up to 4mA and sinks up to 1mA
of load current. A wide 2.5V to 12.6V supply range,
ultra-low 5.25µA (max) supply current, and a low
200mV dropout voltage make these devices ideal for
battery-operated systems.
An initial accuracy of 0.4% and a 40ppm/°C (max) tem-
perature coefficient make the MAX6129 suitable for
precision applications. Additionally, an internal com-
pensation capacitor eliminates the need for an external
compensation capacitor and ensures stability with load
capacitances up to 10µF.
The MAX6129 provides six output voltages of 2.048V,
2.5V, 3V, 3.3V, 4.096V, and 5V. The MAX6129 is avail-
able in a 5-pin SOT23 package and is specified over
the extended temperature range (-40°C to +85°C).
Applications
Battery-Powered Systems
Hand-Held Instruments
Precision Power Supplies
A/D and D/A Converters
Features
o Ultra-Low 5.25µA (max) Supply Current
o 4mA Output Source Current
o 1mA Output Sink Current
o ±0.4% (max) Initial Accuracy
o 40ppm/°C (max) Temperature Coefficient
o 2.5V to 12.6V Supply Range
o Low 200mV Dropout
o Stable with Capacitive Loads Up to 10µF
o No External Capacitors Required
o Miniature 5-Pin SOT23 Package
Ultra-Low-Power Series Voltage Reference
________________________________________________________________ Maxim Integrated Products
1
GND
N.C.
N.C.
15
OUT
IN
MAX6129
SOT23
TOP VIEW
2
34
Pin Configuration
Ordering Information
OUT
GND
IN
MAX6129
VIN = 2.5V TO 12.6V
*CAPACITOR IS OPTIONAL
*
Typical Operating Circuit
19-2507; Rev 0; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
MAX6129_EUK21-T -40
°C to +85°C 5 SOT23-5
2.048
MAX6129_EUK25-T -40
°C to +85°C 5 SOT23-5
2.500
MAX6129_EUK30-T -40
°C to +85°C 5 SOT23-5
3.000
MAX6129_EUK33-T -40
°C to +85°C 5 SOT23-5
3.300
MAX6129_EUK41-T -40
°C to +85°C 5 SOT23-5
4.096
MAX6129_EUK50-T -40
°C to +85°C 5 SOT23-5
5.000
Note: The MAX6129 is available in A or B grades. Choose the
desired grade from the Selector Guide and insert the suffix in
the blank above to complete the part number.
Selector Guide appears at end of data sheet.


Similar Part No. - MAX6129_EUK25-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6129_EUK25-T MAXIM-MAX6129_EUK25-T Datasheet
976Kb / 16P
   Ultra-Low-Power Series Voltage Reference
2005
More results

Similar Description - MAX6129_EUK25-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6129 MAXIM-MAX6129_V01 Datasheet
976Kb / 16P
   Ultra-Low-Power Series Voltage Reference
2005
MAX6029 MAXIM-MAX6029_V01 Datasheet
448Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
2009
MAX6029EUK30T MAXIM-MAX6029EUK30T Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029 MAXIM-MAX6029_06 Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029 MAXIM-MAX6029 Datasheet
564Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 0; 7/03
MAX6126 MAXIM-MAX6126_10 Datasheet
299Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 5; 12/10
MAX6226 MAXIM-MAX6226 Datasheet
844Kb / 11P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 1; 4/19
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_12 Datasheet
339Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 6; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com