Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS8268105SIPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8268105SIPR
Description  TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS8268105SIPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS8268105SIPR Datasheet HTML 6Page - Texas Instruments TPS8268105SIPR Datasheet HTML 7Page - Texas Instruments TPS8268105SIPR Datasheet HTML 8Page - Texas Instruments TPS8268105SIPR Datasheet HTML 9Page - Texas Instruments TPS8268105SIPR Datasheet HTML 10Page - Texas Instruments TPS8268105SIPR Datasheet HTML 11Page - Texas Instruments TPS8268105SIPR Datasheet HTML 12Page - Texas Instruments TPS8268105SIPR Datasheet HTML 13Page - Texas Instruments TPS8268105SIPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Gate Driver
Anti
Shoot-Through
Timing Generator
Feedback Divider
+
-
SSFM
R1
R2
L
GND
Soft-Start
EN
VIN
Current Sense
Undervoltage
Lockout
Bias Supply
Bandgap
Thermal
Shutdown
Negative Inductor
Current Detect
VIN
MODE
V
= 0.8 V
REF
V
REF
C
I
C
O
VOUT
DC/DC CONVERTER
V
OUT
V
IN
TPS8268180, TPS8268150, TPS8268120, TPS8268105, TPS8268090
SLVSBR0C – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS8268x is a complete DC/DC step-down power supply intended for small size and low profile
applications. Included in the package are the switching regulator, inductor and input/output capacitors. It is a
complete Plug & Play Solution, meaning typically no additional components are required to finish the design.
Integration of all required passive components enables a tiny solution size of only 6.7mm2. The converter
operates with fixed frequency pulse width modulation (PWM).
The TPS8268x integrates an input current limit to protect the device against heavy load or short circuits and
features an undervoltage lockout circuit to prevent the device from misoperation at low input voltages.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Soft Start
The TPS8268x has an internal soft start circuit that controls the ramp up of the output voltage. Once the
converter is enabled and the input voltage is above the undervoltage lockout threshold VUVLO, the output voltage
ramps up to 95% of its nominal value within tRamp of typ. 150μs. This ensures a controlled ramp up of the output
voltage and limits the input voltage drop when a battery or a high-impedance power source is connected to the
input of the DC/DC converter.
The inrush current during start-up is directly related to the effective capacitance and load present at the output of
the converter.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS8268180 TPS8268150 TPS8268120 TPS8268105 TPS8268090


Similar Part No. - TPS8268105SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670SIP TI1-TPS82670SIP Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Similar Description - TPS8268105SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com