Electronic Components Datasheet Search |
|
TPS8268150SIPR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS8268150SIPR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 32 page SIP-9 (TOP VIEW) SIP-9 (BOTTOM VIEW) C3 B3 A3 C2 B2 A2 GND MODE VOUT GND C1 A1 VIN VIN C1 A1 C2 B2 A2 GND VIN VIN GND A3 VOUT MODE C3 B3 B1 EN B1 EN TPS8268180, TPS8268150, TPS8268120, TPS8268105, TPS8268090 www.ti.com SLVSBR0C – OCTOBER 2014 – REVISED JUNE 2015 5 Device Comparison Table (1) DEVICE NUMBER FEATURES OUTPUT VOLTAGE Marking TPS8268180 PWM Spread Spectrum Modulation 1.80V HK Output Capacitor Discharge TPS8268150 PWM Spread Spectrum Modulation 1.50V YR Output Capacitor Discharge TPS8268120 PWM Spread Spectrum Modulation 1.20V HJ Output Capacitor Discharge TPS8268105 PWM Spread Spectrum Modulation 1.05V YO Output Capacitor Discharge TPS8268090 PWM Spread Spectrum Modulation 0.90V YP Output Capacitor Discharge (1) For other voltage options please contact a TI sales representative. 6 Pin Configuration and Functions Pin Functions PIN I/O DESCRIPTION NAME NO. VOUT A1, A2 O Power output pin. Apply output load between this pin and GND. VIN A3, B3 I Supply voltage connection This is the enable pin of the device. Connecting this pin low forces the device into shutdown EN B2 I mode. Pulling this pin high enables the device. This pin must not be left floating and must be terminated. MODE B1 I This pin must be tied to the input supply voltage VIN. GND C1, C2, C3 – Ground pin. Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: TPS8268180 TPS8268150 TPS8268120 TPS8268105 TPS8268090 |
Similar Part No. - TPS8268150SIPR |
|
Similar Description - TPS8268150SIPR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |