Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4075 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L4075
Description  40V LED DRIVER WITH INTERNAL SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4075 Datasheet(HTML) 5 Page - Unisonic Technologies

  L4075 Datasheet HTML 1Page - Unisonic Technologies L4075 Datasheet HTML 2Page - Unisonic Technologies L4075 Datasheet HTML 3Page - Unisonic Technologies L4075 Datasheet HTML 4Page - Unisonic Technologies L4075 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
L4075
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R125-030.a
TYPICAL APPLICATION CIRCUIT
VIN
ISENSE
LX
GND
UTC L4075
VIN (DC)= 6V~40V
C1
1µF
D1
Up to 10
LEDs
ADJ
5
4
1
2
3
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - L4075

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
L4075G-AF5-R UTC-L4075G-AF5-R Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
L4075L-AF5-R UTC-L4075L-AF5-R Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - L4075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com