Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4075G-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L4075G-AF5-R
Description  40V LED DRIVER WITH INTERNAL SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4075G-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L4075G-AF5-R Datasheet HTML 1Page - Unisonic Technologies L4075G-AF5-R Datasheet HTML 2Page - Unisonic Technologies L4075G-AF5-R Datasheet HTML 3Page - Unisonic Technologies L4075G-AF5-R Datasheet HTML 4Page - Unisonic Technologies L4075G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L4075
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-030.a
ELECTRICAL CHARACTERISTICS (VIN=12V, TAMB=25°C unless otherwise stated) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
6
40
V
Quiescent Supply Current with Output Off
IINQOFF
ADJ Pin Grounded
40
60
80
μA
Quiescent Supply Current with Output
Switching
IINQON
ADJ Pin Floating
450
600
μA
Mean Current Sense Threshold Voltage
VSENSE
113
mV
Sense Threshold Hysteresis
VSENSEHYS
±15
%
ISENSE Pin Input Current
ISENSE
VSENSE=0.1V
8
10
μA
Internal Reference Voltage
VREF
Measured on ADJ Pin with
Pin Floating
1.2
V
External Control Voltage Range On ADJ Pin
for DC Brightness Control
VADJ
0.3
1.2
V
DC Voltage On ADJ Pin to Switch Chip from
Active (On) State to Quiescent (Off) State
VADJOFF
VADJ Falling
0.15
0.2
0.25
V
DC Voltage On ADJ Pin to Switch Chip from
Quiescent (Off) State to Active (On) State
VADJON
VADJ Rising
0.2
0.25
0.3
V
Resistance Between ADJ Pin and VREF
RADJ
500
KΩ
Continuous LX Switch Current
ILXmean
0.35
A
LX Switch Leakage Current
ILX(leak)
1
μA
LX Switch “On” Resistance
RLX
0.9
1.5
Minimum Switch “ON” Time
TONMIN
LX Switch “ON”
200
ns
Minimum Switch “OFF” Time
TOFFMIN
LX Switch “OFF”
200
ns
Brightness Control Range at Low Frequency
PWM Signal
DPWM(LF)
PWM Frequency=100Hz,
PWM Amplitude=5V,
VIN=15V, Driving 1LED,
L=27μH
1200:1
Brightness Control Range at Low Frequency
PWM Signal
DPWM(HF)
PWM Frequency=10KHz,
PWM Amplitude=5V,
VIN=15V, Driving 1LED,
L=27μH
13:1
Operating Frequency
fLX
ADJ Pin Floating L=100Μh
(0.82Ω) IOUT=350mA @
VLED=3.4V Driving 1 LED
154
KHz
Recommended Maximum Operating
Frequency
fLXMAX
1
MHz
Recommended Duty Cycle Range of Output
Switch at fLXmax
DLX
0.3
0.7
0.9
Internal Comparator Propagation Delay
TPD
50
ns
Thermal Shutdown Temperature
TSD
140
°C
Thermal Shutdown Hysteresis
TSD-HYS
20
°C
Note: Production testing of the chip is performed at 25°C. Functional operation of the chip and parameters specified
are guaranteed by design, characterization and process control in other temperature.


Similar Part No. - L4075G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4075G-AF5-R UTC-L4075G-AF5-R Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - L4075G-AF5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com