Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5001 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # TL5001
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button TL5001_15 Datasheet HTML 5Page - Unisonic Technologies TL5001_15 Datasheet HTML 6Page - Unisonic Technologies TL5001_15 Datasheet HTML 7Page - Unisonic Technologies TL5001_15 Datasheet HTML 8Page - Unisonic Technologies TL5001_15 Datasheet HTML 9Page - Unisonic Technologies TL5001_15 Datasheet HTML 10Page - Unisonic Technologies TL5001_15 Datasheet HTML 11Page - Unisonic Technologies TL5001_15 Datasheet HTML 12Page - Unisonic Technologies TL5001_15 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R103-016.E
TYPICAL CHARACTERISTICS
-25
25
75
-50
0
92
50
Ambient Temperature, TA(°C)
100
94
96
90
88
02
4
6
8
1
0.8
3
1
5
Reference Output Voltage
vs Power -Supply Voltage
Power-Supply Voltage, VCC (V)
10
1.2
7
1.4
9
2
0.4
0
0.2
0.6
1.8
1.6
10k
1M
Timing Resistance, RT ( )
Oscillator Frequency vs Timing Resistance
100k
1M
10k
100k
VCC=6V
DT Resistance=RT
TA=25°C
98
100
Oscillator Frequency vs Ambient Temperature
VCC=6V
DT Resistance=100k
RT=100k
TA=25°C
FB and COMP
Connected Together
-25
25
75
-50
0
-0.4
50
Ambient Temperature, TA (°C)
100
-0.2
0
-0.6
-0.8
0.2
0.4
Reference Output Voltage Fluctuation
vs Ambient Temperature
VCC=6V
FB and COMP
Connected Together
0.6
10
20
30
0
1
40
1.5
2
0.5
0
RT=100k
TA=25°C
Average Supply Current vs Power -Supply Voltage
Power-Supply Voltage, VCC (V)
-25
25
75
-50
0
0.9
50
Ambient Temperature, TA (°C)
100
1
1.1
0.8
0
1.2
1.3
Average Supply Current vs Ambient Temperature
VCC=6V
DT Resistance=100k
RT=100k


Similar Part No. - TL5001_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001_15 Datasheet
1Mb / 33P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL5001_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com