Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6145ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6145ESA
Description  SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6145ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6145ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6145ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6145ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6145ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6145ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6145ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6145ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6145ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SOT23, Low-Cost, Low-Dropout,
3-Terminal Voltage References
6
_______________________________________________________________________________________
10
µs/div
A = OUTPUT CURRENT, 1mA/div, IOUT = 0mA to -1mA
B = OUTPUT VOLTAGE, 200mV/div
MAX6125
LOAD-TRANSIENT RESPONSE (SINKING)
A
B
_____________________________Typical Operating Characteristics (continued)
(VIN = VIN(MIN), IOUT = 0mA, TA = +25°C, unless otherwise noted.)
10
µs/div
A = OUTPUT CURRENT, 1mA/div, IOUT = 0mA to 1mA
B = OUTPUT VOLTAGE, 50mV/div
MAX6125
LOAD-TRANSIENT RESPONSE (SOURCING)
A
B
5
µs/div
A = INPUT VOLTAGE, 100mV/div, VIN = 3V ±50mV
B = OUTPUT VOLTAGE, 20mV/div
MAX6125
LINE-TRANSIENT RESPONSE
A
B
0V
0V
1sec/div
MAX6125
0.1Hz TO 100Hz NOISE
50
µV/div
-1.0
2
CHANGE IN OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
-0.5
0
0.5
1.0
46
8
10
12
14
VALID OVER VIN(MIN) TO VIN(MAX)
FOR EACH PART
-0.3
-50
CHANGE IN OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
-0.2
-0.1
0
0.1
0.2
-25
0
25
50
75
100
0
0.0001
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
20
40
60
80
120
100
140
0.001
0.01
0.1
1
10
*
With respect to output voltage at VIN = VIN(MIN).
**
With respect to output voltage at TA = +25°C.


Similar Part No. - MAX6145ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6145 MAXIM-MAX6145 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results

Similar Description - MAX6145ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com