Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX614CSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX614CSA
Description  Dual-Slot PCMCIA Analog Power Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX614CSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX614CSA Datasheet HTML 1Page - Maxim Integrated Products MAX614CSA Datasheet HTML 2Page - Maxim Integrated Products MAX614CSA Datasheet HTML 3Page - Maxim Integrated Products MAX614CSA Datasheet HTML 4Page - Maxim Integrated Products MAX614CSA Datasheet HTML 5Page - Maxim Integrated Products MAX614CSA Datasheet HTML 6Page - Maxim Integrated Products MAX614CSA Datasheet HTML 7Page - Maxim Integrated Products MAX614CSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX613/MAX614 contain switches for the VPP
supply-voltage lines for Personal Computer Memory
Card International Association (PCMCIA) Release 2.0
card slots. These ICs also contain level-translator out-
puts to switch the PCMCIA card VCC.
The MAX613 allows digital control of two separate VPP
lines that can be switched between 0V, VCC, +12V,
and high impedance. It also includes level shifters that
allow the control of N-channel power MOSFETs for con-
necting and disconnecting the slot VCC supply voltage.
The MAX614 controls a single VPP supply-voltage line
and includes one level shifter in an 8-pin package.
________________________Applications
Notebook and Palmtop Computers
Personal Organizers
Digital Cameras
Handiterminals
Bar-Code Readers
____________________________Features
o Logic Compatible with Industry-Standard PCMCIA
Digital Controllers:
Intel 82365SL
Intel 82365SL DF
Vadem VG-365
Vadem VG-465
Vadem VG-468
Cirrus Logic CL-PD6710
Cirrus Logic CL-PD6720
o 0V/VCC/+12V/High-Impedance VPP Outputs
o Internal 1.6
Ω VPP Power Switches
o 10
mA Quiescent Supply Current
o Break-Before-Make Switching
o VCC Switch Control
______________Ordering Information
Dual-Slot PCMCIA
Analog Power Controllers
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
5
6
7
GND
AVPP1
AVPP0
BVPP1
BVPP0
VCC1
VCC0
TOP VIEW
MAX613
DIP/SO
VPPIN
VCCIN
AVPP
BVPP
SHDN
DRV3
DRV5
14
13
12
11
10
9
8
1
2
3
4
GND
AVPP1
AVPP0
VCC0
MAX614
DIP/SO
VPPIN
VCCIN
AVPP
DRV
8
7
6
5
_________________Pin Configurations
PC CARD
SOCKET
CONTROLLER
MAX613
VCCIN
VPPIN
DRV3
AVPP
BVPP
+12V
VCC
VPP1
VPP2
VCC
PCMCIA
SLOT
+5V
5
_________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0188; Rev 0; 11/93
PART
TEMP. RANGE
PIN-PACKAGE
MAX613CPD
0°C to +70°C
14 Plastic DIP
MAX613CSD
0°C to +70°C
14 SO
MAX613EPD
-40°C to +85°C
14 Plastic DIP
MAX613ESD
-40°C to +85°C
14 SO
MAX614CPA
0°C to +70°C
8 Plastic DIP
MAX614CSA
0°C to +70°C
8 SO
MAX614EPA
-40°C to +85°C
8 Plastic DIP
MAX614ESA
-40°C to +85°C
8 SO


Similar Part No. - MAX614CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6141 MAXIM-MAX6141 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6141 MAXIM-MAX6141 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6141ESA MAXIM-MAX6141ESA Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6141ESA MAXIM-MAX6141ESA Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6141EUR MAXIM-MAX6141EUR Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
More results

Similar Description - MAX614CSA

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Texas Instruments
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com