Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2843BG-S08-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC2843BG-S08-T
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2843BG-S08-T Datasheet(HTML) 6 Page - Unisonic Technologies

  UC2843BG-S08-T Datasheet HTML 1Page - Unisonic Technologies UC2843BG-S08-T Datasheet HTML 2Page - Unisonic Technologies UC2843BG-S08-T Datasheet HTML 3Page - Unisonic Technologies UC2843BG-S08-T Datasheet HTML 4Page - Unisonic Technologies UC2843BG-S08-T Datasheet HTML 5Page - Unisonic Technologies UC2843BG-S08-T Datasheet HTML 6Page - Unisonic Technologies UC2843BG-S08-T Datasheet HTML 7Page - Unisonic Technologies UC2843BG-S08-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UC2843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R103-048.D
APPLICATION INFORMATION(Cont.)
Open-Loop Laboratory Test Fixture
In the open-loop laboratory test fixture, high peak currents and loads need grounding techniques. The transistor
and 5-kΩ potentiometer sample the oscillator waveform, applying an adjustable ramp to the ISENSE terminal. Timing
and bypass capacitors should be connected closely to the GND terminal in a single-point ground.
Shutdown Technique
The PWM controller can be shut down through two methods: the one is raising voltage (above 1 V) at ISENSE, the
other is pulling the COMP terminal below a voltage two diode drops above ground. Either method can leave the
output of the PWM comparator high (refer to block diagram). To reset the PWM latch is dominant so the output can
stay low in the case of the next clock cycle is coming and the COMP or ISENSE terminal is removed beyond this
shutdown condition. For example, an externally-latched shutdown can be accomplished by adding an SCR reset by
cycling VCC below the lower UVLO threshold. So the reference turns off then allows the SCR to reset at this
condition.
VREF
ISENSE
330Ω
1kΩ
500Ω
To Current-Sense
Resistor
Shutdown
COMP


Similar Part No. - UC2843BG-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC2843BG-S08-T UTC-UC2843BG-S08-T Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - UC2843BG-S08-T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com