Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX619ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX619ESA
Description  Regulated 5V Charge-Pump DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX619ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX619ESA Datasheet HTML 1Page - Maxim Integrated Products MAX619ESA Datasheet HTML 2Page - Maxim Integrated Products MAX619ESA Datasheet HTML 3Page - Maxim Integrated Products MAX619ESA Datasheet HTML 4Page - Maxim Integrated Products MAX619ESA Datasheet HTML 5Page - Maxim Integrated Products MAX619ESA Datasheet HTML 6Page - Maxim Integrated Products MAX619ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
_______________General Description
The MAX619 step-up charge-pump DC-DC converter
delivers a regulated 5V ±4% output at 50mA over tem-
perature. The input voltage range is 2V to 3.6V (two
battery cells).
The complete MAX619 circuit fits into less than 0.1in2 of
board space because it requires only four external
capacitors: two 0.22
µF flying capacitors, and 10µF
capacitors at the input and output.
Low operating supply current (150
µA max) and low
shutdown supply current (1
µA max) make this device
ideal for small, portable, and battery-powered applica-
tions. When shut down, the load is disconnected from
the input.
The MAX619 is available in 8-pin DIP and SO packages.
________________________Applications
Two Battery Cells to 5V Conversion
Local 3V-to-5V Conversion
Portable Instruments & Handy-Terminals
Battery-Powered Microprocessor-Based Systems
5V Flash Memory Programmer
Minimum Component DC-DC Converters
Remote Data-Acquisition Systems
Compact 5V Op-Amp Supply
Regulated 5V Supply from Lithium Backup Battery
Switching Drive Voltage for MOSFETs in
Low-Voltage Systems
____________________________Features
o Regulated 5V ±4% Charge Pump
o Output Current Guaranteed over Temperature
20mA (VIN
≥ 2V)
50mA (VIN
≥ 3V)
o 2V to 3.6V Input Range
o No Inductors; Very Low EMI Noise
o Ultra-Small Application Circuit (0.1in2)
o Uses Small, Inexpensive Capacitors
o 500kHz Internal Oscillator
o Logic-Controlled 1
µA Max Shutdown
Supply Current
o Shutdown Disconnects Load from Input
o 8-Pin DIP and SO Packages
_______________Ordering Information
* Dice are specified at TA = +25 °C.
Regulated 5V Charge-Pump
DC-DC Converter
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
MAX619
DIP/SO
C1+
IN
OUT
C2+
C1-
SHDN
GND
C2-
TOP VIEW
__________________Pin Configuration
MAX619
OUT
C2+
C2-
IN
SHDN
C1+
C1-
INPUT
2V to 3.6V
ON/OFF
0.22
µF
OUTPUT
5V, 20mA
10
µF
10
µF
0.22
µF
GND
__________Typical Operating Circuit
19-0227; Rev 2; 5/96
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
PART
TEMP. RANGE
PIN-PACKAGE
MAX619CPA
0°C to +70°C
8 Plastic DIP
MAX619CSA
0°C to +70°C
8 SO
MAX619C/D
0°C to +70°C
Dice*
MAX619EPA
-40°C to +85°C
8 Plastic DIP
MAX619ESA
-40°C to +85°C
8 SO
MAX619MJA
-55°C to +125°C
8 CERDIP


Similar Part No. - MAX619ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190A MAXIM-MAX6190A Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190AESA MAXIM-MAX6190AESA Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results

Similar Description - MAX619ESA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
   DC-DC CONVERTER REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
STMicroelectronics
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
   DC-DC converter regulated 5 V charge pump
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com