Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

701946-5WXLP1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 701946-5WXLP1
Description  Side illumination for shallow light boxes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701946-5WXLP1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  701946-5WXLP1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5725 Olivas Park Drive • Ventura, California 93003 • 805.676.3200 Fax 805.676.3206 • SloanLED.com • info@SloanLED.com
© 2015 SloanLED Rev D 2015-03-31
PosterBOX™ Slim is licensed under: Patents CN200680037992.9, DE202006020673.6, NL1030161, US6932495, and US7841733; and patent applications EP06812715.8 and
NL2000273. Green Signage and PosterBOX™ are trademarks of Lux et Libertas BV. SloanLED, the S logo, and Leaders in LED Technology are trademarks of Sloan Company, Inc.
PosterBOX™ Slim washes light across single-sided and double-sided displays using
FanFlare™ lens technology that optimizes the light inside the box. The result is uniform
light without the stripes associated with fluorescent tubes. The narrow silhouette of the
side mounted modules makes PosterBOX Slim an excellent option for single-sided sign
cabinets as shallow as 2 inches and double-sided cabinets as shallow as 4 inches.
• Excellent white light intensity and uniformity
• Optimal for applications as shallow as 2 inches:
- Indoor textile prints
- Movie posters
- Cabinets using FlexFace®
Specifications
Part number
6500 K
701946-6WXLP1
5000 K
701946-5WXLP1
Dimensions L × W × H
4.87 in × 1.00 in × 0.61 in
Viewing angle
15° × 43°
LEDs per module
3
Modules per foot
2
Light throw
1.5 ft maximum to center of box
Minimum cabinet depth
Single-sided
2 in
Double-sided
4 in
Operating temperature
-40° C to +70° C
Protection class
IP66
Special features
FanFlare lens technology
Wire stretch feature for electrical connections
Power per module
1.38 W
Efficacy
87 lm/W
Power capacity
38 modules per SloanLED 60 W 12 VDC power supply
Fastening
Peel-n-stick and mechanical
Packaging
19 ft (38 modules) per tray, 3 trays per carton
Color temperatures
6500 K, 5000 K
Lumens per module
120
PosterBOX Slim
Side illumination for shallow light boxes


Similar Part No. - 701946-5WXLP1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701946-5WXLP2 ETC2-701946-5WXLP2 Datasheet
241Kb / 1P
   Side illumination for shallow light boxes
More results

Similar Description - 701946-5WXLP1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701946-6WXLP2 ETC2-701946-6WXLP2 Datasheet
241Kb / 1P
   Side illumination for shallow light boxes
701946-CWPBM ETC2-701946-CWPBM Datasheet
243Kb / 1P
   Side illumination for shallow or narrow cabinets
logo
Fairchild Semiconductor
FL103 FAIRCHILD-FL103 Datasheet
1Mb / 14P
   Primary-Side-Regulation PWM Controller for LED Illumination
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
LXH7-FW30 LUMILEDS-LXH7-FW30 Datasheet
1Mb / 19P
   High-Efficacy, Illumination Grade LED light source
logo
OSRAM GmbH
SFH4645EN OSRAM-SFH4645EN Datasheet
496Kb / 13P
   Infrared Illumination for cameras
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
   BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
   BOXES
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
   Splitter boxes
2022-03-28
logo
Fairchild Semiconductor
FAN5640S7X FAIRCHILD-FAN5640S7X Datasheet
508Kb / 11P
   FAN5640 Dual High-Side Constant Current Source for High-Voltage Keypad LED Illumination
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com