Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32J22IRGZR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32J22IRGZR
Description  ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32J22IRGZR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC32J22IRGZR Datasheet HTML 4Page - Texas Instruments ADC32J22IRGZR Datasheet HTML 5Page - Texas Instruments ADC32J22IRGZR Datasheet HTML 6Page - Texas Instruments ADC32J22IRGZR Datasheet HTML 7Page - Texas Instruments ADC32J22IRGZR Datasheet HTML 8Page - Texas Instruments ADC32J22IRGZR Datasheet HTML 9Page - Texas Instruments ADC32J22IRGZR Datasheet HTML 10Page - Texas Instruments ADC32J22IRGZR Datasheet HTML 11Page - Texas Instruments ADC32J22IRGZR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
ADC32J22, ADC32J23, ADC32J24, ADC32J25
SBAS668A – MAY 2014 – REVISED JUNE 2015
www.ti.com
7.8 AC Performance: ADC32J25
Typical values are at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 160 MSPS,
50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless otherwise noted.
ADC32J25 (fS = 160 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS
fIN = 10 MHz
70.3
70.5
fIN = 70 MHz
68
69.8
70.0
SNR
Signal-to-noise ratio
fIN = 100 MHz
69.5
69.7
dBFS
fIN = 170 MHz
68.6
69.1
fIN = 230 MHz
67.8
68.3
fIN = 10 MHz
149.3
149.5
fIN = 70 MHz
–147.5
148.8
149.0
Noise spectral density
NSD
fIN = 100 MHz
148.5
148.7
dBFS/Hz
(averaged across Nyquist zone)
fIN = 170 MHz
147.7
148.1
fIN = 230 MHz
146.8
147.3
fIN = 10 MHz
70.2
70.4
fIN = 70 MHz
67.3
69.7
69.9
SINAD
Signal-to-noise and distortion ratio fIN = 100 MHz
69.4
68.8
dBFS
fIN = 170 MHz
68.4
68.8
fIN = 230 MHz
67.5
67.8
fIN = 10 MHz
11.4
11.4
fIN = 70 MHz
10.9
11.3
11.3
ENOB
Effective number of bits
fIN = 100 MHz
11.2
11.3
Bits
fIN = 170 MHz
11.1
11.1
fIN = 230 MHz
10.9
10.9
fIN = 10 MHz
91
88
fIN = 70 MHz
78
86
85
SFDR
Spurious-free dynamic range
fIN = 100 MHz
85
84
dBc
fIN = 170 MHz
83
82
fIN = 230 MHz
81
80
fIN = 10 MHz
91
92
fIN = 70 MHz
78
93
93
HD2
Second-order harmonic distortion
fIN = 100 MHz
92
93
dBc
fIN = 170 MHz
83
82
fIN = 230 MHz
81
80
fIN = 10 MHz
91
88
fIN = 70 MHz
78
86
85
HD3
Third-order harmonic distortion
fIN = 100 MHz
85
84
dBc
fIN = 170 MHz
91
87
fIN = 230 MHz
87
87
fIN = 10 MHz
99
95
fIN = 70 MHz
87
98
94
Non
Spurious-free dynamic range
fIN = 100 MHz
96
94
dBc
HD2, HD3
(excluding HD2, HD3)
fIN = 170 MHz
91
90
fIN = 230 MHz
91
89
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC32J22 ADC32J23 ADC32J24 ADC32J25


Similar Part No. - ADC32J22IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZ25 TI1-ADC32J42IRGZ25 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZR TI1-ADC32J42IRGZR Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZT TI1-ADC32J42IRGZT Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42RGZT TI1-ADC32J42RGZT Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
More results

Similar Description - ADC32J22IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com