Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCK343 Datasheet(PDF) 7 Page - International Rectifier

Part # IRMCK343
Description  Sensorless Motor Control IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK343 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRMCK343_15 Datasheet HTML 3Page - International Rectifier IRMCK343_15 Datasheet HTML 4Page - International Rectifier IRMCK343_15 Datasheet HTML 5Page - International Rectifier IRMCK343_15 Datasheet HTML 6Page - International Rectifier IRMCK343_15 Datasheet HTML 7Page - International Rectifier IRMCK343_15 Datasheet HTML 8Page - International Rectifier IRMCK343_15 Datasheet HTML 9Page - International Rectifier IRMCK343_15 Datasheet HTML 10Page - International Rectifier IRMCK343_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
IRMCK343
www.irf.com
© 2007 International Rectifier
7
o
Transition
o
Multiply-divide (signed and unsigned)
o
Divide (signed and unsigned)
o
Adder
o
Subtractor
o
Comparator
o
Counter
o
Accumulator
o
Switch
o
Shift
o
ATAN (arc tangent)
o
Function block (any curve fitting, nonlinear function)
o
16-bit wide Logic operations (AND, OR, XOR, NOT, NEGATE)
o
MCETM program and data memory (6K byte). Note 1
o
MCETM control sequencer
• 8051 microcontroller
o
Three 16-bit timer/counters
o
16-bit periodic timer
o
16-bit analog watchdog timer
o
16-bit capture timer
o
Up to 23 discrete I/Os
o
Five-channel 12-bit A/D
Three buffered channels (0 – 1.2V input)
Two unbuffered channels (0 – 1.2V input)
o
JTAG port (4 pins)
o
Up to three channels of analog output (8-bit PWM)
o
UART
o
I2C/SPI port
o
64K byte program OTP
o
2K byte data RAM. Note 1
Note 1: Total size of RAM is 8K byte including MCE program, MCE data, and 8051
data. Different sizes can be allocated depending on applications.


Similar Part No. - IRMCK343_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK343TR IRF-IRMCK343TR Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
IRMCK343TY IRF-IRMCK343TY Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
More results

Similar Description - IRMCK343_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK341 IRF-IRMCK341_15 Datasheet
642Kb / 36P
   Sensorless Motor Control IC
IRMCK371 IRF-IRMCK371_15 Datasheet
562Kb / 33P
   Sensorless Motor Control IC
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
   Sensorless Motor Control IC for Appliances
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
   Sensorless Motor Control IC for Appliances
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCK311 IRF-IRMCK311_15 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com