Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6225AESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6225AESA
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6225AESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6225AESA Datasheet HTML 4Page - Maxim Integrated Products MAX6225AESA Datasheet HTML 5Page - Maxim Integrated Products MAX6225AESA Datasheet HTML 6Page - Maxim Integrated Products MAX6225AESA Datasheet HTML 7Page - Maxim Integrated Products MAX6225AESA Datasheet HTML 8Page - Maxim Integrated Products MAX6225AESA Datasheet HTML 9Page - Maxim Integrated Products MAX6225AESA Datasheet HTML 10Page - Maxim Integrated Products MAX6225AESA Datasheet HTML 11Page - Maxim Integrated Products MAX6225AESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage References
_______________________________________________________________________________________
9
Detailed Description
Temperature Stability
The MAX6225/MAX6241/MAX6250 are highly stable,
low-noise voltage references that use a low-power tem-
perature-compensation scheme to achieve laboratory-
standard temperature stability. This produces a nearly
flat temperature curve, yet does not require the power
associated with heated references.
The output voltage can be trimmed a minimum of 0.6%
by connecting a 10k
Ω potentiometer between OUT and
GND, and connecting its tap to the TRIM pin, as shown
in Figure 1. The external trimming does not affect tem-
perature stability.
Noise Reduction
To augment wideband noise reduction, add a 1µF
capacitor to the NR pin (Figure 2). Larger values do not
improve noise appreciably (
see Typical Operating
Characteristics).
Noise in the power-supply input can affect output
noise, but can be reduced by adding an optional
bypass capacitor to the IN pin and GND.
Bypassing
The MAX6225/MAX6241/MAX6250 are stable with
capacitive load values from 0µF to 100µF, for all values
of load current. Adding an output bypass capacitor can
help reduce noise and output glitching caused by load
transients.
Applications Information
Negative Regulator
Figure 3 shows how both a +5V and -5V precision ref-
erence can be obtained from a single unregulated +5V
supply. A MAX681 generates approximately ±9V to
operate the MAX6250 reference and MAX432 inverting
amplifier. The +5V is inverted by the MAX432 chopper-
stabilized amplifier. Resistor R1 is optional, and may be
used to trim the ±5V references. R2 and R4 should be
matched, both in absolute resistance and temperature
coefficient. R3 is optional, and is adjusted to set the -5V
reference.
_____________________Pin Description
NAME
FUNCTION
1, 7, 8
I.C.
Internally Connected. Do not use.
2
IN
Positive Power-Supply Input
PIN
4
GND
Ground
3
NR
Noise Reduction. Optional capacitor
connection for wideband noise
reduction. Leave open if not used
(Figure 2).
6
OUT
Voltage Reference Output
5
TRIM
External Trim Input. Allows ±1%
output adjustment (Figure 1).
Leave open if not used.
MAX6225
MAX6241
MAX6250
IN
8V TO 36V INPUT
REFERENCE OUT
OUT
TRIM
10k
NR
GND
MAX6225
MAX6241
MAX6250
IN
8V TO 36V INPUT
REFERENCE OUT
OUT
TRIM
NR
*OPTIONAL
*
1
µF
GND
Figure 1. Output Voltage Adjustment
Figure 2. Noise-Reduction Capacitor


Similar Part No. - MAX6225AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225AESA++ MAXIM-MAX6225AESA+ Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results

Similar Description - MAX6225AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
MAX6220 MAXIM-MAX6220 Datasheet
772Kb / 10P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Rev 0; 4/01
logo
Microchip Technology
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
   2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
   2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
   2.5V and 4.096V Voltage References
10/20/04
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
   2.5V and 4.096V Voltage References
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com