Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES32NT8BG2 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 89HPES32NT8BG2
Description  Low latency cut-through architecture
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES32NT8BG2 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 89HPES32NT8BG2 Datasheet HTML 2Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 3Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 4Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 5Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 6Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 7Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 8Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 9Page - Integrated Device Technology 89HPES32NT8BG2 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
IDT 89HPES32NT8BG2 Datasheet
6 of 35
December 17, 2013
Signal
Type
Name/Description
GCLKN[1:0]
GCLKP[1:0]
I
Global Reference Clock. Differential reference clock input pairs. This
clock is used as the reference clock by on-chip PLLs to generate the clocks
required for the system logic. The frequency of the differential reference
clock is determined by the GCLKFSEL signal.
Note: Both pairs of the Global Reference Clocks must be connected to and
derived from the same clock source. Refer to the Overview section of
Chapter 2 in the PES32NT8xG2 User Manual for additional details.
P00CLKN
P00CLKP
I
Port Reference Clock. Differential reference clock pair associated with
port 0.
P02CLKN
P02CLKP
I
Port Reference Clock. Differential reference clock pair associated with
port 2.
P04CLKN
P04CLKP
I
Port Reference Clock. Differential reference clock pair associated with
port 4.
Table 3 Reference Clock Pins
Signal
Type
Name/Description
MSMBCLK
I/O
Master SMBus Clock. This bidirectional signal is used to synchronize transfers on the
master SMBus. It is active and generating the clock only when the EEPROM or I/O
Expanders are being accessed.
MSMBDAT
I/O
Master SMBus Data. This bidirectional signal is used for data on the master SMBus.
SSMBADDR[2]
I
Slave SMBus Address. This pin determines the SMBus address to which the slave
SMBus interface responds.
SSMBCLK
I/O
Slave SMBus Clock. This bidirectional signal is used to synchronize transfers on the
slave SMBus.
SSMBDAT
I/O
Slave SMBus Data. This bidirectional signal is used for data on the slave SMBus.
Table 4 SMBus Interface Pins


Similar Part No. - 89HPES32NT8BG2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES32NT8BG2 RENESAS-89HPES32NT8BG2 Datasheet
530Kb / 36P
   32-Lane 8-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
More results

Similar Description - 89HPES32NT8BG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES32H8G2 IDT-89HPES32H8G2 Datasheet
308Kb / 40P
   Low latency cut-through architecture
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
   Low latency cut-through architecture
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
   Low latency cut-through architecture
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
   Low latency cut-through architecture
89HPES34H16G2 IDT-89HPES34H16G2 Datasheet
447Kb / 54P
   Low latency cut-through architecture
89HPES48H12AG2 IDT-89HPES48H12AG2 Datasheet
455Kb / 59P
   Low latency cut-through architecture
89HPES12NT12G2 IDT-89HPES12NT12G2 Datasheet
279Kb / 32P
   Low latency cut-through architecture
89HPES22H16 IDT-89HPES22H16 Datasheet
282Kb / 37P
   Low-latency cut-through switch architecture
89HPES8T5 IDT-89HPES8T5 Datasheet
535Kb / 31P
   Low-latency cut-through switch architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com