Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6301EPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6301EPA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301EPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6301EPA Datasheet HTML 1Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 2Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 3Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 4Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 5Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 6Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 7Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 8Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
_______________________________________________________________________________________
3
10,000
0
0.001
0.01
0.1
1
10
100
1000
RESET TIMEOUT PERIOD
vs. CSRT
1
CSRT (nF)
10
100
1000
VCC = 5V
10,000
0
0.001
0.01
0.1
1
10
100
1000
EXTENDED-MODE
WATCHDOG TIMEOUT PERIOD vs. CSWT
(WDS = VCC)
1
CSWT (nF)
10
100
1000
VCC = 5V
10,000
0.1
0.001
0.01
0.1
1
10
100
1000
NORMAL-MODE
WATCHDOG TIMEOUT PERIOD vs. CSWT
(WDS = GND)
1
CSWT (nF)
10
100
1000
VCC = 5V
CONDITIONS
VCC = 4.5V to 5.5V
0.7VCC
VIL
30
tWP
WDI Pulse Width
WDI, WDS Input Threshold
VCC = 2V to 4.5V
60
ns
VIH
ms
0.3VCC
V
WDI, WDS Leakage Current
Extended mode disabled
±1
µA
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
WDI Sink/Source Current
(Note 4)
Extended mode enabled
±70
µA
tWD
WDS = GND, CSWT = 1500pF
2.8
4.0
5.2
Watchdog Timeout Period
(Note 3)
WDS = VCC, CSWT = 1500pF
1.4
2.0
2.6
sec
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
WATCHDOG TIMER
Note 1: Reset is guaranteed valid from the selected reset threshold voltage down to the minimum VCC.
Note 2: VDS = VCC, WDI unconnected.
Note 3: Precision timing currents of 500nA are present at both the SRT and SWT pins. Timing capacitors connected to these nodes
must have low leakage consistent with these currents to prevent timing errors.
Note 4: The sink/source is supplied through a resistor, and is proportional to VCC (Figure 8). At VCC = 2V, it is typically ±24µA.
__________________________________________Typical Operating Characteristics
(CSWT = CSRT = 1500pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6301EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301EPA MAXIM-MAX6301EPA Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
More results

Similar Description - MAX6301EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX16056 MAXIM-MAX16056 Datasheet
777Kb / 16P
   125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Rev 2; 4/13
MAX16056 MAXIM-MAX16056_13 Datasheet
749Kb / 17P
   125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Rev 2; 4/13
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
logo
Sipex Corporation
SP6330 SIPEX-SP6330 Datasheet
311Kb / 13P
   Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com