Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES34H16G2 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 89HPES34H16G2
Description  Low latency cut-through architecture
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES34H16G2 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 89HPES34H16G2 Datasheet HTML 6Page - Integrated Device Technology 89HPES34H16G2 Datasheet HTML 7Page - Integrated Device Technology 89HPES34H16G2 Datasheet HTML 8Page - Integrated Device Technology 89HPES34H16G2 Datasheet HTML 9Page - Integrated Device Technology 89HPES34H16G2 Datasheet HTML 10Page - Integrated Device Technology 89HPES34H16G2 Datasheet HTML 11Page - Integrated Device Technology 89HPES34H16G2 Datasheet HTML 12Page - Integrated Device Technology 89HPES34H16G2 Datasheet HTML 13Page - Integrated Device Technology 89HPES34H16G2 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
10 of 54
November 28, 2011
IDT 89HPES34H16G2 Data Sheet
GPIO[24]
O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: HP1PIN
1st Alternate function pin type: Output
1st Alternate function: Hot Plug Signal Group 1 Power Indicator Output.
2nd Alternate function pin name: P2LINKUPN
2nd Alternate function pin type: Output
2nd Alternate function: Port 2 Link Up Status Output.
GPIO[25]
O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: HP1PEP
1st Alternate function pin type: Output
1st Alternate function: Hot Plug Signal Group 1 Power Enable Output.
2nd Alternate function pin name: P2ACTIVEN
2nd Alternate function pin type: Output
2nd Alternate function: Port 2 Link Active Status Output.
GPIO[26]
O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: HP1RSTN
1st Alternate function pin type: Output
1st Alternate function: Hot Plug Signal Group 1 Reset Output.
2nd Alternate function pin name: P3LINKUPN
2nd Alternate function pin type: Output
2nd Alternate function: Port 3 Link Up Status Output.
GPIO[27]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: HP2APN
1st Alternate function pin type: Input
1st Alternate function: Hot Plug Signal Group 2 Attention Push Button
Input.
2nd Alternate function pin name: P3ACTIVEN
2nd Alternate function pin type: Output
2nd Alternate function: Port 3 Link Active Status Output.
GPIO[28]
I/O
General Purpose I/O.
This pin can be configured as a general purpose I/O pin.
1st Alternate function pin name: HP2PDN
1st Alternate function pin type: Input
1st Alternate function: Hot Plug Signal Group 0 Presence Detect Input.
2nd Alternate function pin name: P4LINKUPN
2nd Alternate function pin type: Output
2nd Alternate function: Port 4 Link Up Status Output.
Signal
Type
Name/Description
Table 5 General Purpose I/O Pins (Part 4 of 5)


Similar Part No. - 89HPES34H16G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES34H16G2 RENESAS-89HPES34H16G2 Datasheet
645Kb / 55P
   34-Lane 16-Port PCIe® Gen2 System Interconnect Switch
November 28, 2011
More results

Similar Description - 89HPES34H16G2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES32H8G2 IDT-89HPES32H8G2 Datasheet
308Kb / 40P
   Low latency cut-through architecture
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
   Low latency cut-through architecture
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
   Low latency cut-through architecture
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
   Low latency cut-through architecture
89HPES32NT8BG2 IDT-89HPES32NT8BG2 Datasheet
342Kb / 35P
   Low latency cut-through architecture
89HPES48H12AG2 IDT-89HPES48H12AG2 Datasheet
455Kb / 59P
   Low latency cut-through architecture
89HPES12NT12G2 IDT-89HPES12NT12G2 Datasheet
279Kb / 32P
   Low latency cut-through architecture
89HPES22H16 IDT-89HPES22H16 Datasheet
282Kb / 37P
   Low-latency cut-through switch architecture
89HPES8T5 IDT-89HPES8T5 Datasheet
535Kb / 31P
   Low-latency cut-through switch architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com