Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM7G1822S-20PB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLM7G1822S-20PB
Description  LDMOS 2-stage power MMIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLM7G1822S-20PB Datasheet(HTML) 5 Page - NXP Semiconductors

  BLM7G1822S-20PB_15 Datasheet HTML 1Page - NXP Semiconductors BLM7G1822S-20PB_15 Datasheet HTML 2Page - NXP Semiconductors BLM7G1822S-20PB_15 Datasheet HTML 3Page - NXP Semiconductors BLM7G1822S-20PB_15 Datasheet HTML 4Page - NXP Semiconductors BLM7G1822S-20PB_15 Datasheet HTML 5Page - NXP Semiconductors BLM7G1822S-20PB_15 Datasheet HTML 6Page - NXP Semiconductors BLM7G1822S-20PB_15 Datasheet HTML 7Page - NXP Semiconductors BLM7G1822S-20PB_15 Datasheet HTML 8Page - NXP Semiconductors BLM7G1822S-20PB_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
BLM7G1822S-20PB_S-20PBG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 July 2015
5 of 18
NXP Semiconductors
BLM7G1822S-20PB(G)
LDMOS 2-stage power MMIC
[1]
3GPP test model 1; 64 DPCH; PAR = 9.9 dB at 0.01% probability on CCDF.
[2]
f = 2170 MHz.
8.
Application information
[1]
Measured on dual section evaluation board IDq1 = 40 mA (both sections); IDq2 = 150 mA (both sections).
Table 7.
RF Characteristics
Typical RF performance at Tcase = 25 C; VDS = 28 V; IDq1 = 27 mA; IDq2 = 76 mA; PL(AV) = 2 W. Per section unless otherwise
specified, measured in a NXP wideband f = 1807.5 MHz to 2167.5 MHz straight lead production circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Test signal: single carrier W-CDMA [1]
Gp
power gain
f = 1807.5 MHz
-
34
-
dB
f = 2167.5 MHz
30.8
32.3
33.8
dB
D
drain efficiency
f = 1807.5 MHz
-
22
-
%
f = 2167.5 MHz
20
23
-
%
RLin
input return loss
f = 2167.5 MHz
-
19
10
dB
ACPR5M
adjacent channel power ratio (5 MHz)
f = 1807.5 MHz
-
41
-
dBc
f = 2167.5 MHz
-
41
37
dBc
PARO
output peak-to-average ratio
f = 1807.5 MHz
-
8.4
-
dB
f = 2167.5 MHz
7.2
8.4
-
dB
I
Dq/T
quiescent drain current variation with
temperature
T =
40 C to +85 C
final stage IDq;
gate feed resistor = 1105
-
1-
%
driver stage IDq;
gate feed resistor = 765
-
1-
%
Test signal: CW [2]

s21
phase response difference
between sections
10
-
+10
deg
s
21
2
insertion power gain difference
between sections
0.5 -
+0.5
dB
Table 8.
Typical performance
Test signal: 1-tone CW; RF performance at Tcase = 25 C; VDS = 28 V; IDq1 = 45 mA (both sections); IDq2 = 140 mA (both
sections) unless otherwise specified, measured in a NXP f = 2110 MHz to 2170 MHz straight lead class AB application circuit
(see Figure 3 for the component layout and Figure 4 for the electrical schematic).
Symbol
Parameter
Conditions
Min Typ
Max
Unit
PL(1dB)
output power at 1 dB gain compression
f = 2140 MHz
-
43.5
-
W
PL(3dB)
output power at 3 dB gain compression
f = 2140 MHz
-
44.1
-
W
D
drain efficiency
at PL(1dB); f = 2140 MHz
-
47.6
-
%
Gp
power gain
PL(AV) = 1.585 W; f = 2140 MHz
-
31.5
-
dB
Bvideo
video bandwidth
2-tone CW; PL(AV) = 1.585 W;
f = 2140 MHz
-170
-
MHz
Gflat
gain flatness
over a frequency range of 60 MHz;
PL(AV) =1.585 W
-0.4
-
dB
G/T
gain variation with temperature
f = 2140 MHz
-
0.03
-
dB/
C
s
12
2
isolation
between sections A and B;
PL(AV) = 1.585 W; f = 2140 MHz
[1]
-28.5
-
dB
K
Rollett stability factor
T =
40 C; f = 0.1 GHz to 3 GHz
-
>1
-


Similar Part No. - BLM7G1822S-20PB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM7G1822S-40AB PHILIPS-BLM7G1822S-40AB_15 Datasheet
293Kb / 19P
   LDMOS 2-stage power MMIC
Rev. 1-10 July 2015
logo
Ampleon Netherlands B.V...
BLM7G1822S-40PB AMPLEON-BLM7G1822S-40PB Datasheet
2Mb / 21P
   LDMOS 2-stage power MMIC
Rev. 7
BLM7G1822S-40PBG AMPLEON-BLM7G1822S-40PBG Datasheet
2Mb / 21P
   LDMOS 2-stage power MMIC
Rev. 7
logo
NXP Semiconductors
BLM7G1822S-40PB PHILIPS-BLM7G1822S-40PB_15 Datasheet
398Kb / 18P
   LDMOS 2-stage power MMIC
Rev. 3-1 July 2015
BLM7G1822S-80AB PHILIPS-BLM7G1822S-80AB_15 Datasheet
286Kb / 18P
   LDMOS 2-stage power MMIC
Rev. 2-1 July 2015
More results

Similar Description - BLM7G1822S-20PB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM7G1822S-80AB PHILIPS-BLM7G1822S-80AB_15 Datasheet
286Kb / 18P
   LDMOS 2-stage power MMIC
Rev. 2-1 July 2015
logo
Ampleon Netherlands B.V...
BLM2425M9S20 AMPLEON-BLM2425M9S20 Datasheet
1Mb / 13P
   LDMOS 2-stage power MMIC
Rev. 2 ??17 May 2021
logo
NXP Semiconductors
BLM7G1822S-40PB PHILIPS-BLM7G1822S-40PB_15 Datasheet
398Kb / 18P
   LDMOS 2-stage power MMIC
Rev. 3-1 July 2015
BLM7G1822S-80PB PHILIPS-BLM7G1822S-80PB_15 Datasheet
301Kb / 18P
   LDMOS 2-stage power MMIC
Rev. 1-24 August 2015
BLM8G0710S-15PB PHILIPS-BLM8G0710S-15PB_15 Datasheet
268Kb / 19P
   LDMOS 2-stage power MMIC
Rev. 2-31 August 2015
logo
Ampleon Netherlands B.V...
BLM9H0610S-60PG AMPLEON-BLM9H0610S-60PG Datasheet
1Mb / 20P
   LDMOS 2-stage power MMIC
Rev. 2 ??22 April 2022
logo
NXP Semiconductors
BLM7G1822S-40AB PHILIPS-BLM7G1822S-40AB_15 Datasheet
293Kb / 19P
   LDMOS 2-stage power MMIC
Rev. 1-10 July 2015
logo
Ampleon Netherlands B.V...
BLM7G1822S-80PB AMPLEON-BLM7G1822S-80PB Datasheet
3Mb / 21P
   LDMOS 2-stage power MMIC
Rev. 3 -13 September 2018
BLM2425M7S60P AMPLEON-BLM2425M7S60P Datasheet
2Mb / 13P
   LDMOS 2-stage power MMIC
Rev. 5, 13 September 2018
logo
NXP Semiconductors
BLM7G24S-30BG PHILIPS-BLM7G24S-30BG_15 Datasheet
407Kb / 19P
   LDMOS 2-stage power MMIC
Rev. 2-1 July 2015
BLM7G22S-60PB PHILIPS-BLM7G22S-60PB_15 Datasheet
374Kb / 21P
   LDMOS 2-stage power MMIC
Rev. 4-1 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com