Selected language     English  ▼


MAX6323 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX6323
Description  μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 5 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
_______________________________________________________________________________________
5
500
µs/div
MAX6323/24-10
WDI
2V/div
2V/div
WDPO
FAST WATCHDOG TIMEOUT PERIOD
MAX6323AUT23
5ms/div
MAX6323/24-11
WDI
2V/div
2V/div
WDPO
SLOW WATCHDOG TIMEOUT PERIOD
MAX6323AUT23
Typical Operating Characteristics (continued)
(VCC = full range, TA = +25°C, unless otherwise noted.)
Pin Description
Active-Low. Reset is asserted when VCC drops below VTH and remains asserted until VCC rises above VTH
for the duration of the reset timeout period. The MAX6323 has a push-pull output and the MAX6324 has an
open-drain output. Connect a pullup resistor from RESET to any supply voltage up to +6V.
Watchdog Pulse Output. The open-drain WDPO output is pulsed low for 1ms (typ) upon detection of a fast
or slow watchdog fault. WDPO is only active when RESET is high.
WDPO
5
RESET
6
Supply Voltage for the Device. Input for VCC reset monitor. For noisy systems, bypass VCC with a 500pF
(min) capacitor.
VCC
4
Watchdog Input. The internal watchdog timer clears to zero on the falling edge of WDI or when RESET goes
high. If WDI sees another falling edge within the factory-trimmed watchdog window, WDPO will remain
unasserted. Transitions outside this window, either faster or slower, will cause WDPO to pulse low for 1ms
(typ).
WDI
3
PIN
Ground
GND
2
Active-Low, Manual Reset Input. When MR is asserted low, RESET is asserted low, the internal watchdog
timer is reset to zero, and WDPO is reset to high impedance (open drain). After the rising edge of MR,
RESET is asserted for at least 100ms. Leave MR unconnected or connect to VCC if unused.
MR
1
FUNCTION
NAME




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX6323-MAX6324uP Supervisory Circuits with Windowed Min/Max Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
MAX63165-Pin μP Supervisory Circuits with Watchdog and Manual Reset 1 2 3 4 5 MoreMaxim Integrated Products
CAT1021Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM Manual Reset and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
AS1916Microprocessor Supervisory Circuits with Manual Reset and Watchdog 1 2 3 4 5 Moreams AG
ADM6316Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23 1 2 3 4 5 MoreAnalog Devices
LM3709Microprocessor Supervisory Circuits with Low Line Output Manual Reset and Watchdog Timer 1 2 3 4 5 MoreNational Semiconductor (TI)
ADM823Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23 1 2 3 4 5 MoreAnalog Devices
LM3712Microprocessor Supervisory Circuits with Separate Watchdog Timer Output Power Fail Input and Manual Reset 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3710Microprocessor Supervisory Circuits with Power Fail Input Low Line Output Manual Reset and Watchdog Timer 1 2 3 4 5 MoreNational Semiconductor (TI)
MAX6854Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl