Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6324_UT__-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6324_UT__-T
Description  關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6324_UT__-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6324_UT__-T Datasheet HTML 4Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 5Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 6Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 7Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 8Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 9Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 10Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 11Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
falls below the preset threshold or when the manual
reset input (MR) is asserted. The RESET output remains
asserted for at least 100ms after VCC has risen above
the reset threshold and MR is deasserted (Figure 5).
For noisy environments, bybass VCC with a 500pF (min)
capacitor to ensure correct operation.
The MAX6323 has a push-pull output stage, and the
MAX6324 utilizes an open-drain output. Connect a pull-
up resistor on the RESET output of the MAX6324 to any
supply up to +6V. Select a resistor value large enough
to register a logic low (see Electrical Characteristics)
and small enough to register a logic high while supply-
ing all input leakage currents and leakage paths con-
nected to the RESET line. A 10k
Ω pullup is sufficient in
most applications.
Manual Reset Input
Many µP-based products require manual reset capabil-
ity to allow an operator or external logic circuitry to initi-
ate a reset. The manual reset input (MR) can connect
directly to a switch without an external pullup resistor or
debouncing network. MR is internally pulled up to VCC
and, therefore, can be left unconnected if unused. MR
is designed to reject fast, negative-going transients
(typically 100ns pulses), and it must be held low for a
minimum of 1µs to assert the reset output (Figure 5). A
0.1µF capacitor from MR to ground provides additional
noise immunity. After MR transitions from low to high,
reset will remain asserted for the duration of the reset
timeout period, at least 100ms.
Applications Information
Negative-Going VCC Transients
The MAX6323/MAX6324 are relatively immune to short-
duration negative-going VCC transients (glitches),
which usually do not require the entire system to shut
down. Typically, 200ns large-amplitude pulses (from
ground to VCC) on the supply will not cause a reset.
Lower amplitude pulses result in greater immunity.
Typically, a VCC transient that falls 100mV below the
reset threshold and lasts less than 20µs will not trigger
a reset (see Typical Operating Characteristics). An
optional 0.1µF bypass capacitor mounted close to VCC
provides additional transient immunity.
Ensuring a Valid Reset Output
Down to VCC = 0
When VCC falls below +1.2V, the MAX6323 RESET out-
put no longer sinks current; it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to RESET can drift to undetermined voltages.
This does not present a problem in most applications,
since most µPs and other circuitry are inoperative with
VCC below +1.2V. However, in applications where
RESET must be valid down to 0, adding a pulldown
resistor to RESET causes any stray leakage currents to
flow to ground, holding RESET low (Figure 6). R1’s
value is not critical; 100k
Ω is large enough not to load
RESET and small enough to pull RESET to ground. This
scheme does not work with the open-drain output of the
MAX6324.
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
8
_______________________________________________________________________________________
MR
RESET
VCC
VTH
100ms (min)
120ns (typ)
20
µs (typ)
1
µs (min)
100ms (min)
Figure 5. RESET Timing Relationship


Similar Part No. - MAX6324_UT__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6324HUT23-T MAXIM-MAX6324HUT23-T Datasheet
174Kb / 13P
   Supervisory Circuits with Windowed
Rev 6; 1/11
MAX6324_UT__-T MAXIM-MAX6324_UT__-T Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
More results

Similar Description - MAX6324_UT__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_10 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
logo
Analog Devices
ADM8323WCC29ARJZR7 AD-ADM8323WCC29ARJZR7 Datasheet
283Kb / 16P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
logo
Sipex Corporation
SP6330 SIPEX-SP6330 Datasheet
311Kb / 13P
   Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com