Electronic Components Datasheet Search |
|
MAX6324_UT__-T Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX6324_UT__-T Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 12 page µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset _______________________________________________________________________________________ 5 500 µs/div MAX6323/24-10 WDI 2V/div 2V/div WDPO FAST WATCHDOG TIMEOUT PERIOD MAX6323AUT23 5ms/div MAX6323/24-11 WDI 2V/div 2V/div WDPO SLOW WATCHDOG TIMEOUT PERIOD MAX6323AUT23 Typical Operating Characteristics (continued) (VCC = full range, TA = +25°C, unless otherwise noted.) Pin Description Active-Low. Reset is asserted when VCC drops below VTH and remains asserted until VCC rises above VTH for the duration of the reset timeout period. The MAX6323 has a push-pull output and the MAX6324 has an open-drain output. Connect a pullup resistor from RESET to any supply voltage up to +6V. Watchdog Pulse Output. The open-drain WDPO output is pulsed low for 1ms (typ) upon detection of a fast or slow watchdog fault. WDPO is only active when RESET is high. WDPO 5 RESET 6 Supply Voltage for the Device. Input for VCC reset monitor. For noisy systems, bypass VCC with a 500pF (min) capacitor. VCC 4 Watchdog Input. The internal watchdog timer clears to zero on the falling edge of WDI or when RESET goes high. If WDI sees another falling edge within the factory-trimmed watchdog window, WDPO will remain unasserted. Transitions outside this window, either faster or slower, will cause WDPO to pulse low for 1ms (typ). WDI 3 PIN Ground GND 2 Active-Low, Manual Reset Input. When MR is asserted low, RESET is asserted low, the internal watchdog timer is reset to zero, and WDPO is reset to high impedance (open drain). After the rising edge of MR, RESET is asserted for at least 100ms. Leave MR unconnected or connect to VCC if unused. MR 1 FUNCTION NAME |
Similar Part No. - MAX6324_UT__-T |
|
Similar Description - MAX6324_UT__-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |