Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6324_UT__-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6324_UT__-T
Description  關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6324_UT__-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6324_UT__-T Datasheet HTML 2Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 3Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 4Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 5Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 6Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 7Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 8Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 9Page - Maxim Integrated Products MAX6324_UT__-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
6
_______________________________________________________________________________________
Detailed Description
The MAX6323/MAX6324 µP supervisory circuits main-
tain system integrity by alerting the µP to fault condi-
tions. In addition to a standard VCC monitor (for
power-on reset, brownout detect, and power-down
reset), the devices include a sophisticated watchdog
timer that detects when the processor is running out-
side an expected window of operation for a specific
application. The watchdog signals a fault when the
input pulses arrive too early (faster than the selected
tWD1 timeout period) or too late (slower than the select-
ed tWD2 timeout period) (Figure 1). Incorrect timing can
lead to poor or dangerous system performance in tight-
ly controlled operating environments. Incorrect timing
could be the result of improper µP clocking or code
execution errors. If a timing error occurs, the
MAX6323/MAX6324 issue a watchdog pulse output,
independent from the reset output, indicating that sys-
tem maintenance may be required.
Watchdog Function
A pulse on the watchdog output WDPO can be trig-
gered by a fast fault or a slow fault. If the watchdog
input (WDI) has two falling edges too close to each
other (faster than tWD1) (Figure 2) or falling edges that
are too far apart (slower than tWD2) (Figure 3), WDPO is
pulsed low. Normal watchdog operation is displayed in
Figure 4 (WDPO is not asserted). The internal watch-
dog timer is cleared when a WDI falling edge is detect-
ed within the valid watchdog window or when the
device’s RESET or WDPO outputs are deasserted. All
WDI input pulses are ignored while either RESET or
WDPO is asserted. Figure 1 identifies the input timing
regions where WDPO fault outputs will be observed
with respect to tWD1 and tWD2. After RESET or WDPO
deasserts, the first WDI falling edge is ignored for the
fast fault condition (Figure 2).
Upon detecting a watchdog fault, the WDPO output will
pulse low for 1ms. WDPO is an open-drain output.
Connect a pullup resistor on WDPO to any supply up to
+6V.
VCC Reset
The MAX6323/MAX6324 also include a standard VCC
reset monitor to ensure that the µP is started in a known
state and to prevent code execution errors during
power-up, power-down, or brownout conditions.
RESET is asserted whenever the VCC supply voltage
*UNDETERMINED STATES MAY OR MAY NOT GENERATE A FAULT CONDITION.
POSSIBLE STATES
GUARANTEED TO
ASSERT WDPO
GUARANTEED TO
ASSERT WDPO
GUARANTEED NOT TO
ASSERT WDPO
FAST FAULT
CONDITION 1
SLOW FAULT
CONDITION 3
NORMAL OPERATION
CONDITION 2
tWD1 (min)
)
tWD1 (max)
tWD2 (min)
tWD2 (max)
*UNDETERMINED
*UNDETERMINED
Figure 1. Detailed Watchdog Input Timing Relationship


Similar Part No. - MAX6324_UT__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6324HUT23-T MAXIM-MAX6324HUT23-T Datasheet
174Kb / 13P
   Supervisory Circuits with Windowed
Rev 6; 1/11
MAX6324_UT__-T MAXIM-MAX6324_UT__-T Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
More results

Similar Description - MAX6324_UT__-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_10 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
logo
Analog Devices
ADM8323WCC29ARJZR7 AD-ADM8323WCC29ARJZR7 Datasheet
283Kb / 16P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
logo
Sipex Corporation
SP6330 SIPEX-SP6330 Datasheet
311Kb / 13P
   Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com