Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2108 Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2108
Description  HALF-BRIDGE DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2108 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2108 Datasheet HTML 7Page - International Rectifier IRS2108 Datasheet HTML 8Page - International Rectifier IRS2108 Datasheet HTML 9Page - International Rectifier IRS2108 Datasheet HTML 10Page - International Rectifier IRS2108 Datasheet HTML 11Page - International Rectifier IRS2108 Datasheet HTML 12Page - International Rectifier IRS2108 Datasheet HTML 13Page - International Rectifier IRS2108 Datasheet HTML 14Page - International Rectifier IRS2108 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.irf.com
11
IRS2108/IRS21084(S)PbF
0.0
0.1
0.2
0.3
0.4
0.5
-50-25
0
25
50
75100
125
Temperature (oC)
Figure 12A. Low Level Output Voltage
vs.Tem perature
0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 12B. Low Level Output Voltage
vs. Supply Voltage
Max.
Typ.
Max.
Typ.
Max.
Typ.
0.0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
BAIS Supply Voltage (V)
Figure 11B. High Lovel Output Voltage
vs. Supply Voltage
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
M ax.
Figure 13A. Offset Supply Leakage Current
vs. Tem perature


Similar Part No. - IRS2108

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2108 IRF-IRS2108 Datasheet
1Mb / 25P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2108 INFINEON-IRS2108 Datasheet
1Mb / 25P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60260
IRS21084 INFINEON-IRS21084 Datasheet
1Mb / 25P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60260
logo
International Rectifier
IRS21084PBF IRF-IRS21084PBF Datasheet
554Kb / 25P
   HALF-BRIDGE DRIVER
IRS21084PBF IRF-IRS21084PBF Datasheet
1Mb / 25P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2108

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com