Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6342_UT-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6342_UT-T
Description  6-Pin 關P Reset Circuit with Power-Fail Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6342_UT-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6342_UT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6342_UT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6342_UT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6342_UT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6342_UT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6342_UT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6342_UT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6342_UT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX6342–MAX6345 family of microprocessor (µP)
supervisory circuits monitors power supplies in digital sys-
tems. These devices significantly improve system reliabili-
ty and accuracy compared to separate ICs or discrete
components.
The MAX6342–MAX6345 provide factory-trimmed VCC
reset threshold voltages from 2.33V to 4.63V and operate
with supply voltages between +1V and +5.5V. A +1.25V
threshold detector allows for a power-fail warning, for low-
battery detection, or for monitoring another power supply.
The MAX6342 contains an MR input and an active-low
push-pull reset. The MAX6343 and MAX6344 are identical
to the MAX6342 except they provide an active-low, open-
drain reset and an active-high, push-pull reset, respective-
ly. The MAX6345 provides a second reset output in place
of the MR input to give it an active-high push-pull reset
and an active-low push-pull reset.
All of the devices are packaged in a miniature 6-pin
SOT23.
Applications
Portable Computers
Telecom Equipment
Networking Equipment
Portable/Battery-Powered Equipment
Multivoltage Systems
Embedded Control Systems
Features
o Small 6-Pin SOT23 Package
o Precision Factory-Set VCC Reset Thresholds
Between 2.33V and 4.63V
o Guaranteed RESET Valid to VCC = +1V
o 100ms min Reset Pulse Width
o Debounced CMOS-Compatible Manual-Reset
Input
o Voltage Monitor for Power-Fail or Low-Battery
Warning
6-Pin µP Reset Circuit with
Power-Fail Comparator
________________________________________________________________
Maxim Integrated Products
1
GND
PFI
16
5
VCC
( ) ARE FOR MAX6344 ONLY.
TOP VIEW
2
34
RESET (RESET)
PFO
MR
MAX6342
MAX6343
MAX6344
SOT23-6
Selector Guide 1
Selector Guide 2
19-1568; Rev 0; 10/99
PART
MAX6342_UT-T
MAX6343_UT-T
MAX6344_UT-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
6 SOT23-6
6 SOT23-6
6 SOT23-6
Note: The MAX6342–MAX6345 are available with factory-set
reset thresholds from 2.33V to 4.63V (see Selector Guides 1, 2).
Insert the letter corresponding to the desired nominal reset
threshold into the blank following the part number. There is a
2500 piece order increment required for the SOT package. SOT
Top Marks table appears at end of data sheet. All versions of
these products may not be available at time of announcement.
Contact factory for availability.
Pin Configurations
Ordering Information
MAX6345_UT-T
-40°C to +85°C
6 SOT23-6
SUFFIX
RESET THRESHOLD (V)
L
4.63
M
4.38
T
3.08
S
2.93
R
2.63
Z
2.33
PART
PUSH-PULL
RESET OUTPUT
OPEN-DRAIN
RESET OUTPUT
PUSH-PULL RESET
OUTPUT
MAX6342
MAX6343
MAX6344
MAX6345
MANUAL-RESET
INPUT
Typical Operating Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX6342_UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6342-UT-T MAXIM-MAX6342-UT-T Datasheet
554Kb / 8P
   6-Pin μP Reset Circuit with Power-Fail Comparator
Rev 2; 12/05
MAX6342_UT-T MAXIM-MAX6342_UT-T Datasheet
554Kb / 8P
   6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
More results

Similar Description - MAX6342_UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6343SUT-T MAXIM-MAX6343SUT-T Datasheet
554Kb / 8P
   6-Pin μP Reset Circuit with Power-Fail Comparator
Rev 2; 12/05
MAX6342 MAXIM-MAX6342_05 Datasheet
554Kb / 8P
   6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6803 MAXIM-MAX6803 Datasheet
155Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 1; 2/01
MAX6803 MAXIM-MAX6803_V01 Datasheet
870Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
2014
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com