Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSN20BK Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BSN20BK
Description  60 V, N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSN20BK Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BSN20BK_15 Datasheet HTML 4Page - NXP Semiconductors BSN20BK_15 Datasheet HTML 5Page - NXP Semiconductors BSN20BK_15 Datasheet HTML 6Page - NXP Semiconductors BSN20BK_15 Datasheet HTML 7Page - NXP Semiconductors BSN20BK_15 Datasheet HTML 8Page - NXP Semiconductors BSN20BK_15 Datasheet HTML 9Page - NXP Semiconductors BSN20BK_15 Datasheet HTML 10Page - NXP Semiconductors BSN20BK_15 Datasheet HTML 11Page - NXP Semiconductors BSN20BK_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NXP Semiconductors
BSN20BK
60 V, N-channel Trench MOSFET
BSN20BK
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
18 December 2014
8 / 16
VGS (V)
0
4
3
1
2
aaa-015764
0.2
0.4
0.6
ID
(A)
0
(1)
(2)
VDS > ID × RDSon
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig. 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj (°C)
-60
180
120
0
60
aaa-015765
1.0
1.5
0.5
2.0
2.5
a
0
Fig. 11. Normalized drain-source on-state resistance
as a function of junction temperature; typical
values
Tj (°C)
-60
180
120
0
60
aaa-015766
1.0
0.5
1.5
2.0
VGS(th)
(V)
0
(1)
(2)
(3)
ID = 0.25 mA; VDS = VGS
(1) maximum values
(2) typical values
(3) minimum values
Fig. 12. Gate-source threshold voltage as a function of
junction temperature
aaa-015767
VDS (V)
10-1
102
10
1
10
102
C
(pF)
1
(1)
(2)
(3)
f = 1 MHz; VGS = 0 V
(1) Ciss
(2) Coss
(3) Crss
Fig. 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values


Similar Part No. - BSN20BK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSN20BK NEXPERIA-BSN20BK Datasheet
739Kb / 16P
   60 V, N-channel Trench MOSFET
More results

Similar Description - BSN20BK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
   60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
   60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
   60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
   60 V, N-channel Trench MOSFET
13 May 2019
PMX800ENE NEXPERIA-PMX800ENE Datasheet
274Kb / 14P
   60 V, N-channel Trench MOSFET
12 July 2023
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
   60 V, N-channel Trench MOSFET
14 December 2017
PMV164ENE NEXPERIA-PMV164ENE Datasheet
273Kb / 15P
   60 V, N-channel Trench MOSFET
29 November 2021
PMV88ENE NEXPERIA-PMV88ENE Datasheet
270Kb / 15P
   60 V, N-channel Trench MOSFET
29 November 2021
logo
NXP Semiconductors
PMPB40SNA NXP-PMPB40SNA Datasheet
273Kb / 15P
   60 V N-channel Trench MOSFET
2 July 2013
NX7002BK PHILIPS-NX7002BK_15 Datasheet
273Kb / 16P
   60 V, N-channel Trench MOSFET
12 May 2015
logo
Nexperia B.V. All right...
PMV55ENEA NEXPERIA-PMV55ENEA Datasheet
737Kb / 16P
   60 V, N-channel Trench MOSFET
21 March 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com