Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5176 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME5176
Description  Synchronous Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5176 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5176 Datasheet HTML 4Page - Analog Microelectronics AME5176 Datasheet HTML 5Page - Analog Microelectronics AME5176 Datasheet HTML 6Page - Analog Microelectronics AME5176 Datasheet HTML 7Page - Analog Microelectronics AME5176 Datasheet HTML 8Page - Analog Microelectronics AME5176 Datasheet HTML 9Page - Analog Microelectronics AME5176 Datasheet HTML 10Page - Analog Microelectronics AME5176 Datasheet HTML 11Page - Analog Microelectronics AME5176 Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AME
8
AME5176
Rev.B.01
Synchronous Boost Converter
With Low Quiescent Current
Layout Considerations
PCB Layout is important to achieve stable operation for switching power system at the high switching frequencies
and high peak currents conditions. For best results, follow these guidelines:
(1) The input capacitor placed as close and wide as possible to V
IN and GND pins of the IC is recommended.
(2) The output capacitor placed as close and wide as possible to V
OUT and GND pins of the IC is recommended.
(3) Place Lx Pin as short and wide to the IC as possible.
Table 1. List of Components
PCB Top View
PCB Bottom View
Typical Application Circuit
VIN
VOUT
C2
10
µF
LX
OUT
GND
C1
10
µF
L1
10
µH
D1(Opt.)
Component Reference
Manufacturer
Part Number
Value
C1
Murata
GRM188R60JA106ME47
10
µF, 6.3V, X5R
C2
Murata
GRM188R60JA106ME47
10
µF, 6.3V, X5R
L1
Murata
LQH43PN100M26
10
µH
D1
ON semi
MBR130T1G
1A, 30V


Similar Part No. - AME5176

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5170 AME-AME5170 Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5170AEEVADJY AME-AME5170AEEVADJY Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5170AEEVADJZ AME-AME5170AEEVADJZ Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
AME5172AEEV330Z AME-AME5172AEEV330Z Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
More results

Similar Description - AME5176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com