Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5177 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME5177
Description  Synchronous Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5177 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME5177 Datasheet HTML 1Page - Analog Microelectronics AME5177 Datasheet HTML 2Page - Analog Microelectronics AME5177 Datasheet HTML 3Page - Analog Microelectronics AME5177 Datasheet HTML 4Page - Analog Microelectronics AME5177 Datasheet HTML 5Page - Analog Microelectronics AME5177 Datasheet HTML 6Page - Analog Microelectronics AME5177 Datasheet HTML 7Page - Analog Microelectronics AME5177 Datasheet HTML 8Page - Analog Microelectronics AME5177 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME
4
AME5177
Rev.A.01
Synchronous Boost Converter
With Low Quiescent Current
n
Absolute Maximum Ratings
n
Recommended Operating Conditions
Maximum
Unit
-0.3V to 7
V
-0.3V to 7
V
-0.3V to 7
V
-0.3V to 7
V
2000
V
200
V
1000
V
150
oC
-65 to +150
oC
Storage Temperature
Input Voltage
Parameter
Electrostatic Discharge (MM)
Electrostatic Discharge (CDM)
LX Voltage
Output Voltage
EN Voltage
Electrostatic Discharge (HBM)
Junction Temperature
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
0.8 to 5.5
Output Voltage
VOUT
1.8 to 5
Junction Temperature Range
TJ
-40 to +125
Ambient Temperature Range
TA
-40 to +85
oC
V


Similar Part No. - AME5177

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5170 AME-AME5170 Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5170AEEVADJY AME-AME5170AEEVADJY Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5170AEEVADJZ AME-AME5170AEEVADJZ Datasheet
86Kb / 13P
   Low Cost Micro Power Boost DC/DC Converter
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
AME5172AEEV330Z AME-AME5172AEEV330Z Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
More results

Similar Description - AME5177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com