Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6314US34D1-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6314US34D1-T
Description  68HC11/Bidirectional-Compatible 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6314US34D1-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6314US34D1-T Datasheet HTML 1Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 2Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 3Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 4Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 5Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 6Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 7Page - Maxim Integrated Products MAX6314US34D1-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
68HC11/Bidirectional-Compatible
µP Reset Circuit
_______________________________________________________________________________________
7
Figure 4. RESET Timing Diagram
tR
tS
RESET
RESET PULLED LOW
BY µC OR
RESET GENERATOR
ACTIVE
PULL-UP
TURNS ON
VCC
0.5V
0.8 x VCC
tRP
OR
µC RESET DELAY
The MAX6314 is available in a SOT143 package, -40°C to +85°C temperature range.
††
The first two letters in the package top mark identify the part, while the remaining two letters are the lot tracking code.
†††
Sample stocks generally held on the bolded products; also, the bolded products have 2,500 piece minimum-order quantities.
Non-bolded products have 10,000 piece minimum-order quantities. Contact factory for details.
Note: All devices available in tape-and-reel only. Contact factory for availability.
__________________________________________Ordering and Marking Information
PART
MAX6314US46D1-T
4.63
1
AE_ _
MAX6314US49D1-T
4.90
NOMINAL
VTH (V)
MIN tRP
(ms)
1
AB_ _
MAX6314US47D1-T
4.70
1
AD_ _
PKG. TOP
MARK††
MAX6314US48D1-T
4.80
1
AC_ _
MAX6314US50D1-T
5.00
1
AA_ _
MAX6314US45D1-T
4.50
1
AF_ _
MAX6314US44D1-T†††
4.39
1
AG_ _
MAX6314US43D1-T
4.30
1
AH_ _
MAX6314US42D1-T
4.20
1
AI_ _
MAX6314US41D1-T
4.10
1
AJ_ _
MAX6314US40D1-T
4.00
1
AK_ _
MAX6314US39D1-T
3.90
1
AL_ _
MAX6314US38D1-T
3.80
1
CA_ _
MAX6314US37D1-T
3.70
1
CB_ _
MAX6314US36D1-T
3.60
1
CC_ _
MAX6314US35D1-T
3.50
1
CD_ _
MAX6314US34D1-T
3.40
1
CE_ _
MAX6314US33D1-T
3.30
1
CF_ _
MAX6314US32D1-T
3.20
1
CG_ _
MAX6314US31D1-T
3.08
1
CH_ _
MAX6314US30D1-T
3.00
1
CI_ _
MAX6314US29D1-T
2.93
1
CJ_ _
PART
MAX6314US37D2-T
3.70
20
DB_ _
MAX6314US36D2-T
3.60
NOMINAL
VTH (V)
MIN tRP
(ms)
20
DC_ _
MAX6314US34D2-T
3.40
20
DE_ _
PKG. TOP
MARK††
MAX6314US33D2-T
3.30
20
DJ_ _
MAX6314US35D2-T
3.50
20
DD_ _
MAX6314US26D1-T†††
2.63
1
CM_ _
MAX6314US27D1-T
2.70
1
CL_ _
MAX6314US28D1-T
2.80
1
CK_ _
MAX6314US25D1-T
2.50
1
CN_ _
MAX6314US50D2-T
5.00
20
CO_ _
MAX6314US49D2-T
4.90
20
CP_ _
MAX6314US48D2-T
4.80
20
CQ_ _
MAX6314US47D2-T
4.70
20
CR_ _
MAX6314US46D2-T
4.63
20
CS_ _
MAX6314US45D2-T
4.50
20
CT_ _
MAX6314US44D2-T†††
4.39
20
CU_ _
MAX6314US43D2-T
4.30
20
CV_ _
MAX6314US42D2-T
4.20
20
CW_ _
MAX6314US41D2-T
4.10
20
CX_ _
MAX6314US40D2-T
4.00
20
CY_ _
MAX6314US39D2-T
3.90
20
CZ_ _
MAX6314US38D2-T
3.80
20
DA_ _


Similar Part No. - MAX6314US34D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US34D1-T MAXIM-MAX6314US34D1-T Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
More results

Similar Description - MAX6314US34D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US44D2 MAXIM-MAX6314US44D2 Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
IMP, Inc
IIMP1832 IMP-IIMP1832 Datasheet
109Kb / 7P
   3.3V 關P Power Suppl Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
   3.3V 關P Power Supply Monitor and Reset Circuit
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com