Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLP Datasheet(PDF) 2 Page - Integrated Device Technology

Part # XLP
Description  Frequency range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLP Datasheet(HTML) 2 Page - Integrated Device Technology

  XLP Datasheet HTML 1Page - Integrated Device Technology XLP Datasheet HTML 2Page - Integrated Device Technology XLP Datasheet HTML 3Page - Integrated Device Technology XLP Datasheet HTML 4Page - Integrated Device Technology XLP Datasheet HTML 5Page - Integrated Device Technology XLP Datasheet HTML 6Page - Integrated Device Technology XLP Datasheet HTML 7Page - Integrated Device Technology XLP Datasheet HTML 8Page - Integrated Device Technology XLP Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IDT XO LVPECL CRYSTAL OSCILLATOR
2
REVISION B 12/10/14
XLP DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the XLP. These ratings, which are standard values for
IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
ESD Compliance
Mechanical Testing
Solder Reflow Profile
Item
Rating
VDD
-0.5 to +5.0 V
E/D
-0.5 V to VDD + 0.5 V
OUT
-0.5 V to VDD + 0.5 V
Storage Temperature
-55°C to 125°C
Theta Ja (Junction to Ambient)
102°C/W – Still Air
Human Body Model (HBM
1000V
Machine Model (MM)
150V
Parameter
Test Method
Mechanical Shock
Drop from 75cm to hardwood surface–3 times
Mechanical Vibration
10~55Hz, 1.5mm amplitude, 1 minute sweep
2 hours each in 3 directions (X, Y, Z)
High Temperature Burn-in
Under power @ 125°C for 2000 hours
Hermetic Seal
He pressure: 4 ±1kgf/cm2 2 hour soak
tP
10 seconds Max within
5°C of 260°C peak
Ramp down not
to exceed 6°C/s
Ramp up 3°C/s Max
120 ±20 seconds
in pre-heating
area
50 ±10
seconds
above 225°C
reflow area
400 seconds MAX from +25°C to 260°C peak
25°C
160°C
180°C
225°C
260°C


Similar Part No. - XLP

ManufacturerPart #DatasheetDescription
logo
XENOENERGY Co.Ltd.,
XLP-050F XENO-XLP-050F Datasheet
354Kb / 1P
   Thionyl Chloride Lithium Battery
XLP-055F XENO-XLP-055F Datasheet
137Kb / 1P
   Thionyl Chloride Lithium Battery
XLP-060F XENO-XLP-060F Datasheet
232Kb / 1P
   Thionyl Chloride Lithium Battery
logo
Integrated Device Techn...
XLP310 IDT-XLP310 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XLP315 IDT-XLP315 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XLP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
XUL IDT-XUL Datasheet
220Kb / 12P
   Frequency range
XUO IDT-XUO Datasheet
214Kb / 12P
   Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
   Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
   Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
   Frequency range
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
   Frequency Range:
logo
Integrated Device Techn...
XLL IDT-XLL Datasheet
350Kb / 13P
   Frequency range
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
   Broadband Frequency Range
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com