Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6362 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6362
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6362 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6362 Datasheet HTML 1Page - Maxim Integrated Products MAX6362 Datasheet HTML 2Page - Maxim Integrated Products MAX6362 Datasheet HTML 3Page - Maxim Integrated Products MAX6362 Datasheet HTML 4Page - Maxim Integrated Products MAX6362 Datasheet HTML 5Page - Maxim Integrated Products MAX6362 Datasheet HTML 6Page - Maxim Integrated Products MAX6362 Datasheet HTML 7Page - Maxim Integrated Products MAX6362 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
12
14
16
18
20
SUPPLY CURRENT vs. TEMPERATURE
(NO LOAD)
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
VBATT = 0
VCC = 5.0V
0
0.2
0.6
0.4
0.8
1.0
1.2
BATTERY SUPPLY CURRENT
(BACKUP MODE) vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
VBATT = 2.0V
VCC = 0
VBATT = 2.8V
0
1
4
3
2
5
6
7
BATTERY TO OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
VBATT = 5.0V
IOUT = 25mA
VCC = 0
VBATT = 2.8V
VBATT = 2.0V
0
0.3
0.9
0.6
1.2
VCC TO OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
VCC = 3.0V
IOUT = 65mA
VCC = 4.5V
IOUT = 150mA
VCC = 2.3V
IOUT = 25mA
190
195
205
200
210
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
0
30
15
75
60
45
135
120
105
90
VCC TO RESET PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
VCC FALLING
0.25V/ms
1V/ms
10V/ms
2.0
3.0
2.5
5.0
4.5
4.0
3.5
RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
-40
20
40
-20
0
60
80
MAX636_46
MAX636_26
1
100
10
1k
10k
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE VTH - VCC (mV)
400
300
350
250
200
0
50
150
100
MAX636_46
MAX636_26
RESET OCCURS
ABOVE CURVE
0
3
2
1
4
5
6
7
8
9
10
01234
BATTERY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
VBATT = 2.8V
VBATT = 2.5V
VTH = 2.93V
VBATT = 2.3V


Similar Part No. - MAX6362

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6362HUT MAXIM-MAX6362HUT Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6362LUT MAXIM-MAX6362LUT Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6362PUT MAXIM-MAX6362PUT Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
More results

Similar Description - MAX6362

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com