Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2168D Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2168D
Description  ADVANCED PFC BALLAST CONTROL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2168D Datasheet(HTML) 4 Page - International Rectifier

  IRS2168D_15 Datasheet HTML 1Page - International Rectifier IRS2168D_15 Datasheet HTML 2Page - International Rectifier IRS2168D_15 Datasheet HTML 3Page - International Rectifier IRS2168D_15 Datasheet HTML 4Page - International Rectifier IRS2168D_15 Datasheet HTML 5Page - International Rectifier IRS2168D_15 Datasheet HTML 6Page - International Rectifier IRS2168D_15 Datasheet HTML 7Page - International Rectifier IRS2168D_15 Datasheet HTML 8Page - International Rectifier IRS2168D_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IRS2168D(S)PbF
www.irf.com
Page 4
Electrical Characteristics (cont’d)
V
CC = VBS = VBIAS=14 V +/- 0.25 V, CLO = CHO = CPFC = 1000 pF, RFMIN = 42.2 kΩ, RPH = N/C, VCPH = VVCO = 0 V,
V
SD/EOL = VCOMP = VCS = VOC = VBUS = VZX = 0 V, TA=25
oC unless otherwise specified.
Symbol
Definition
Min
Typ
Max Units
Test Conditions
PFC Error Amplifier Characteristics
I
COMP, SOURCE
COMP pin OTA error amplifier output current
Sourcing
20
30
40
MODE = RUN
V
VBUS = 3.5 V
VCOMP=4.0 V
I
COMP, SINK
COMP pin OTA error amplifier output current
Sinking
-40
-30
-20
µA
MODE = RUN
V
VBUS = 4.5 V
VCOMP=4.0 V
V
COMPOH
OTA error amplifier output voltage swing
(high state)
12.0
12.5
13.0
VBUS=3.5 V
ICOMP=ICOMPSOURCE-5
µA
V
COMPOL
OTA error amplifier output voltage swing
(low state)
0.2
0.4
0.5
VBUS=5.0 V
ICOMP=ICOMPSINK+5 µA
VCOMPFLT
OTA error amplifier output voltage in fault
mode
---
0
---
V
VBUS=4.0 V
PFC Control Characteristics
V
VBUSREG
VBUS internal reference voltage
3.9
4.0
4.1
V
VBUSOV
VBUS overvoltage comparator threshold
4.1
4.3
4.5
V
VBUSOV-
VBUS overvoltage fault reset threshold
4.0
4.15
4.3
V
COMP = 4.0 V
V
ZX
ZX pin threshold voltage
1.8
2.0
2.2
V
V
ZXHYS
ZX pin comparator hysterisis
100
300
500
mV
V
ZXclamp
ZX pin clamp voltage (high state)
5.5
6.5
7.5
V
I
ZX = 1 mA
t
BLANK
OC pin current-sensing blank time
---
300
---
ns
VBUS=4.0 V
VCOMP=4.0 V
t
WD
PFC watch-dog pulse interval
150
400
500
µs
ZX = 0, V
COMP = 4.0 V
PFC Protection Circuitry Characteristics
V
VBUSUV-
VBUS pin undervoltage reset threshold
2.7
3.0
3.3
V
OCTH+
OC pin over-current sense threshold
1.1
1.2
1.3
V
VBUS=VCOMP=4.0 V


Similar Part No. - IRS2168D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2168DPBF IRF-IRS2168DPBF Datasheet
307Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2168DSPBF IRF-IRS2168DSPBF Datasheet
307Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2168DSTRPBF IRF-IRS2168DSTRPBF Datasheet
307Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
More results

Similar Description - IRS2168D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2168DPBF IRF-IRS2168DPBF Datasheet
307Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com