Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2184 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2184
Description  HALF-BRIDGE DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2184 Datasheet(HTML) 1 Page - International Rectifier

  IRS2184 Datasheet HTML 1Page - International Rectifier IRS2184 Datasheet HTML 2Page - International Rectifier IRS2184 Datasheet HTML 3Page - International Rectifier IRS2184 Datasheet HTML 4Page - International Rectifier IRS2184 Datasheet HTML 5Page - International Rectifier IRS2184 Datasheet HTML 6Page - International Rectifier IRS2184 Datasheet HTML 7Page - International Rectifier IRS2184 Datasheet HTML 8Page - International Rectifier IRS2184 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN
up to 600 V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
IN
DT
V
SS
SD
V
CC
SD
V
SS
R
DT
V
CC
V
B
V
S
HO
LO
COM
IN
SD
SD
IN
up to 600 V
TO
LOAD
V
CC
IRS2184/IRS21844(S)PbF
Typical Connection
HALF-BRIDGE DRIVER
Features
· Floating channel designed for bootstrap operation
· Fully operational to +600 V
· Tolerant to negative transient voltage, dV/dt immune
· Gate drive supply range from 10 V to 20 V
· Undervoltage lockout for both channels
· 3.3 V and 5 V input logic compatible
· Matched propagation delay for both channels
· Logic and power ground +/- 5 V offset
· Lower di/dt gate driver for better noise immunity
· Output source/sink current capability 1.4 A/1.8 A
· RoHS compliant
IRS21844
IRS2184
www.irf.com
1
Data Sheet No. PD60252 revA
(Refer to Lead Assignments for correct
configuration).These diagrams show
electrical connections only. Please refer
to our Application Notes and DesignTips
for proper circuit board layout.
Description
The IRS2184/IRS21844 are high volt-
age, high speed power MOSFET and
IGBT drivers with dependent high- and
low-side referenced output channels.
Proprietary HVIC and latch immune
CMOS technologies enable ruggedized
monolithic construction. The logic in-
put is compatible with standard CMOS
or LSTTL output, down to 3.3 V logic. The
output drivers feature a high pulse cur-
rent buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an
N-channel power MOSFET or IGBT in the high-side configuration which operates up to 600 V.
Packages
8-Lead PDIP
IRS2184
8-Lead SOIC
IRS2184S
14-Lead PDIP
IRS21844
14-Lead SOIC
IRS21844S
Feature Comparison
Part
Input
logic
Cross-
conduction
prevention
logic
Deadtime
(ns)
Ground Pins
t
on/toff
(ns)
2181
COM
21814
HIN/LIN
no
none
VSS/COM
180/220
2183
Internal 400
COM
21834
HIN/LIN
yes
Program 400-5000
VSS/COM
180/220
2184
Internal 400
COM
21844
IN/SD
yes
Program 400-5000
VSS/COM
680/270
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - IRS2184

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2184 IRF-IRS2184 Datasheet
518Kb / 26P
   HALF-BRIDGE DRIVER
IRS2184 IRF-IRS2184 Datasheet
1Mb / 23P
   HIGH AND LOW SIDE DRIVER
IRS2184 IRF-IRS2184 Datasheet
888Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
logo
Infineon Technologies A...
IRS2184 INFINEON-IRS2184 Datasheet
528Kb / 30P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60252 revA
logo
International Rectifier
IRS21844 IRF-IRS21844 Datasheet
518Kb / 26P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2184

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com