Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XUO Datasheet(PDF) 3 Page - Integrated Device Technology

Part # XUO
Description  Frequency range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUO Datasheet(HTML) 3 Page - Integrated Device Technology

  XUO Datasheet HTML 1Page - Integrated Device Technology XUO Datasheet HTML 2Page - Integrated Device Technology XUO Datasheet HTML 3Page - Integrated Device Technology XUO Datasheet HTML 4Page - Integrated Device Technology XUO Datasheet HTML 5Page - Integrated Device Technology XUO Datasheet HTML 6Page - Integrated Device Technology XUO Datasheet HTML 7Page - Integrated Device Technology XUO Datasheet HTML 8Page - Integrated Device Technology XUO Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REVISION A 01/16/15
3
IDT XO HCSL CRYSTAL OSCILLATOR
XUO DATASHEET
DC Characteristics
(VDD= 3.3 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies.
* A pullup resistor from pin 6 (VDD) to pin 1 (E/D) enables output when pin 1 is left open.
AC Characteristics
(VDD= 3.3 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C). Below are guaranteed for listed standard frequencies.
Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not
recommend hand soldering the devices
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Current
IDD
Standard frequencies
145
mA
Output HIGH Voltage
VOH
Std HCSL load
0.6
1.1
V
Output LOW Voltage
VOL
Std HCSL load
0
0.2
V
Enable/Disable Input HIGH Voltage
(Output enabled)*
VIH
70%VDD
V
Enable/Disable Input LOW Voltage
(Output disabled)
VIL
30%VDD
V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Frequency Range
FOUTR
0.016
670
MHz
Frequency Stability
Temperature = -20°C to +70°C
±20
±100
ppm
Temperature = -40°C to +85°C
±25
±100
ppm
Aging (1st year)
Ta = 25°C
±3
Aging (10 years)
Ta = 25°C
±10
Output Load
To GND
50
Ohms
Start-up Time
TST
Output valid time after VDD meets
minimum specified level
10
ms
Output Rise Time
20% to 80% VPP (Standard frequencies
330
ps
Output Fall Time
80% to 20% VPP (Standard frequencies)
330
ps
Output Clock Duty Cycle
TDTCY
@ 50% VPP
45
55
%
Output Enable/ Disable Time
TOE
100
ns
Period Jitter, RMS
JPER
Frequency = 156.25MHz
7
10
psec
Random Jitter
RJ
Frequency = 156.25MHz
Per MJSQ spec (Methodologies for Jitter
and Signal Quality specifications)
0.6
0.7
psec
Deterministic Jitter
DJ
10
22
psec
Total Jitter
TJ
19
31
psec
Phase Jitter (12kHz – 20MHz)
JITTER
Standard frequencies
300
400
fsec
Phase Noise Performance
Frequency = 156.25MHz
NOISE
100Hz of Carrier
-90
dBc/Hz
1kHz of Carrier
-113
dBc/Hz
10kHz of Carrier
-121
dBc/Hz
100kHz of Carrier
-129
dBc/Hz
1MHz of Carrier
-147
dBc/Hz
10MHz of Carrier
-156
dBc/Hz
Output Frequency (Standards)
FOUT
100MHz, 106.25MHz, 125MHz, 150MHz, 155.52MHz, 156.25MHz, 200MHz, 212,5MHz,
250MHz, 300MHz, 312.5MHZ, 400MHz
(Contact IDT for additional frequencies)


Similar Part No. - XUO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUO310 IDT-XUO310 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUO315 IDT-XUO315 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUO316 IDT-XUO316 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUO318 IDT-XUO318 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUO31V IDT-XUO31V Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
XUL IDT-XUL Datasheet
220Kb / 12P
   Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
   Frequency range
XLP IDT-XLP Datasheet
299Kb / 11P
   Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
   Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
   Frequency range
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
   Frequency Range:
logo
Integrated Device Techn...
XLL IDT-XLL Datasheet
350Kb / 13P
   Frequency range
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
   Broadband Frequency Range
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com